công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AD834JRZ-R7

  • AI
    ### Overview of the AD834JRZ-R7 The **AD834JRZ-R7** is a high-performance, monolithic **four-quadrant analog multiplier**. Manufactured by Analog Devices, it is designed for high-frequency applications, capable of operating from DC up to 500 MHz. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Multiplier Type** | Four-Quadrant | | **Bandwidth** | 500 MHz | | **Supply Voltage (Typical)** | ±5V (Dual Supply) | | **Differential Input Range** | ±1V | | **Output Current** | ±4 mA (Differential) | | **Package Type** | SOIC-8 (Small Outline Integrated Circuit) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Description The AD834JRZ-R7 works by taking two differential input voltages ($X$ and $Y$) and producing a differential output current that is proportional to their product. #### Internal Architecture: * **Gilbert Cell Core:** The heart of the device is a translinear mixer (Gilbert Cell) which provides high linearity and wide bandwidth. * **Current Output:** Unlike many low-frequency multipliers that provide a voltage output, the AD834 provides a **differential current output**. This minimizes the effect of parasitic capacitance and allows for higher speed. --- ### 3. Pin Configuration (SOIC-8) | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | X1 | Differential Input X (Positive) | | 2 | X2 | Differential Input X (Negative) | | 3 | V- | Negative Power Supply (-5V) | | 4 | Y1 | Differential Input Y (Positive) | | 5 | Y2 | Differential Input Y (Negative) | | 6 | V+ | Positive Power Supply (+5V) | | 7 | W2 | Differential Output W (Negative) | | 8 | W1 | Differential Output W (Positive) | --- ### 4. Typical Applications Because of its high-speed capabilities, the AD834 is commonly used in RF and signal processing: * **Frequency Mixing:** Converting signals from one frequency to another. * **Automatic Gain Control (AGC):** Controlling signal amplitude electronically. * **Phase Detection:** Comparing the phase difference between two high-frequency signals. * **Squaring Circuits:** Calculating the square of a signal (connecting X and Y inputs together). * **Power Measurement:** Real-time calculation of $V \times I$. --- ### 5. Design Considerations 1. **Impedance Matching:** At 500 MHz, PCB layout is critical. Controlled impedance traces should be used for all RF paths. 2. **Output Termination:** Since the output is current-based, it usually requires a resistive load to convert the current back to a voltage for the next stage. 3. **Power Decoupling:** Use high-quality ceramic capacitors (e.g., 0.1µF and 10nF) as close to the $V+$ and $V-$ pins as possible to reduce noise.
    ✨ Follow-up Questions
    • ⤷ How does the AD834JRZ-R7 compare to the AD633 in terms of speed and accuracy?
    • ⤷ What are the specific benefits of a four-quadrant multiplier over a two-quadrant one?
    • ⤷ Can you provide a basic circuit diagram for using the AD834 as a frequency doubler?