công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AD8317ACHIPS

  • AI
    ## AD8317ACHIPS: Overview and Technical Details The **AD8317ACHIPS** is a high-performance, demodulating logarithmic amplifier (log amp) designed by Analog Devices. It is specifically engineered to accurately measure the power of radio frequency (RF) signals over a wide dynamic range and high frequency spectrum. ### 1. Key Specifications The following table summarizes the primary electrical characteristics of the AD8317: | Feature | Specification | | :--- | :--- | | **Frequency Range** | 1 MHz to 10 GHz | | **Dynamic Range** | Up to 55 dB (±3 dB error) | | **Response Time** | 6 ns (fall time) | | **Supply Voltage** | 3.0 V to 5.5 V | | **Operating Current** | ~22 mA | | **Output Type** | Voltage (VOUT) proportional to $dBm$ | | **Temperature Stability** | < ±0.5 dB drift over temperature | --- ### 2. Functional Components The "ACHIPS" designation refers to the component in **die/wafer form**, which is typically used for high-reliability applications or hybrid microcircuits. The internal architecture consists of: * **Progressive Compression Chain:** A series of amplifiers with limiting stages that provide the logarithmic response. * **Full-Wave Rectifiers:** Used to detect the signal envelope across the amplifier stages. * **Internal Temperature Sensor:** Ensures the output remains stable despite fluctuations in the environment. * **VOUT Buffer:** A high-speed output stage capable of driving video-speed signals. --- ### 3. Application Use Cases Because of its fast response time and high frequency range, the AD8317 is used in several critical RF subsystems: 1. **RF Transmitter Power Measurement:** Monitoring output power to ensure compliance and efficiency. 2. **RSSI (Received Signal Strength Indicator):** Used in base stations and handheld radios. 3. **Radar Systems:** Pulse detection and measurement due to the 6 ns response time. 4. **Precision Antenna Beamforming:** Measuring signal levels across multiple channels. --- ### 4. Typical Connection Diagram (Pseudo-Code Representation) The AD8317 is usually configured in "Measurement Mode" where the output is fed back to the setpoint pin. ```cpp // Logic for interpreting AD8317 VOUT to Power (dBm) float get_dBm(float v_out) { // Typical Slope: -22 mV/dB // Typical Intercept: 25 dBm float slope = -0.022; float intercept = 25.0; float power_dbm = (v_out / slope) + intercept; return power_dbm; } ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8317 and the AD8318?
    • ⤷ How do I calibrate the slope and intercept for the AD8317ACHIPS?
    • ⤷ What are the handling requirements for the CHIPS (die) version compared to packaged versions?