công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AD8317

  • AI
    ## Overview of the AD8317 The **AD8317** is a high-performance demodulating logarithmic amplifier (Log Amp) designed by Analog Devices. It is primarily used for RF power measurement and signal control over a wide frequency range. ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 1 MHz to 10 GHz | | **Dynamic Range** | Up to 55 dB (±3 dB error) | | **Response Time** | 8 ns (Rise time/Fall time) | | **Supply Voltage** | 3.0 V to 5.5 V | | **Supply Current** | 22 mA | | **Package** | 8-lead LFCSP (3mm x 3mm) | --- ### Internal Functional Parts The AD8317 operates based on a **progressive compression technique** (successive detection). It consists of several internal stages: 1. **Amplifier Chain:** A series of cascaded linear amplifiers (typically 6 to 10 stages). Each stage has a specific gain and is designed to "limit" (saturate) at a certain input level. 2. **Full-Wave Detectors:** Each amplifier stage is coupled with a detector cell. These cells convert the AC signal into a rectified current. 3. **Summing Node:** The currents from all detector cells are summed together. Because the stages saturate sequentially, the resulting total current is proportional to the **logarithm** of the input signal envelope. 4. **Output Buffer:** The summed current is converted to a voltage ($V_{OUT}$). This voltage decreases as the input power increases (negative slope). --- ### Pin Configuration & External Components The device requires minimal external components to function effectively: * **INHI / INLO (RF Inputs):** The RF signal is fed here. Usually, the input is AC-coupled using a 100 pF capacitor. * **VOUT:** The output voltage pin. In measurement mode, this pin provides a DC voltage proportional to the input power in dBm. * **VSET:** This pin determines the mode of operation. * **Measurement Mode:** Connect $V_{SET}$ directly to $V_{OUT}$. * **Controller Mode:** $V_{SET}$ is used as a reference point for an Automatic Gain Control (AGC) loop. * **CLPF:** This pin allows the addition of an external capacitor to increase the filtering of the output (lowering the output noise at the cost of response speed). --- ### Application Circuit Example To use the AD8317 as a power meter, the standard configuration is as follows: ```markdown RF Input (50 Ohm) --> [100pF Cap] --> INHI (Pin 1) INLO (Pin 2) --> [100pF Cap] --> GND VOUT (Pin 7) <----------------------> VSET (Pin 6) (Connected together) VCC (Pin 8) --> [0.1uF Decoupling] --> 5V Supply ``` --- ### Common Applications * **RF Transmitter Power Monitor:** Monitoring power levels in cellular base stations. * **RSSI (Received Signal Strength Indicator):** Measuring signal strength in wireless receivers. * **PA (Power Amplifier) Linearization:** Using the "Controller Mode" to stabilize power output. * **Pulse Detection:** Due to its 8 ns response time, it is excellent for detecting short RF pulses.
    ✨ Follow-up Questions
    • ⤷ What is the mathematical relationship between input power in dBm and the output voltage of the AD8317?
    • ⤷ How does 'Controller Mode' differ from 'Measurement Mode' in terms of circuit wiring?
    • ⤷ What external components are required to change the response time (CLPF pin)?