AD8279ARZ-R7
AI

### Overview of the AD8279ARZ-R7
The **AD8279ARZ-R7** is a low-power, high-performance dual-channel difference amplifier manufactured by Analog Devices. It is specifically designed to simplify the measurement of signals in the presence of high common-mode voltages while maintaining high precision.
---
### Technical Specifications
The following table outlines the primary electrical characteristics of the AD8279ARZ-R7:
| Parameter | Specification |
| :--- | :--- |
| **Channels** | Dual (2 Channels) |
| **Gain Options** | Fixed Gain of 1/2 (0.5) or 2 |
| **Common-Mode Rejection (CMRR)** | 80 dB (Minimum) |
| **Bandwidth** | 1 MHz |
| **Slew Rate** | 2 V/µs |
| **Supply Voltage Range** | ±2 V to ±18 V (Dual) / 4 V to 36 V (Single) |
| **Operating Current** | 225 µA per amplifier |
| **Package Type** | 14-lead SOIC_N |
---
### Key Internal Components and Features
1. **Laser-Trimmed Resistors**: The device integrates high-precision, thin-film resistors. Because these are laser-trimmed at the factory, they provide excellent gain accuracy and high CMRR, which is difficult to achieve with discrete components.
2. **Difference Amplifier Architecture**: It subtracts two input voltages and multiplies the result by a fixed gain. This is essential for removing ground noise or bias voltages.
3. **Low Power Consumption**: With a maximum quiescent current of 225 µA per channel, it is highly suitable for battery-powered and portable instrumentation.
4. **Integrated Feedback Loop**: No external resistors are required for standard gain configurations, reducing the PCB footprint and potential error sources.
---
### Pin Configuration (Functional)
| Pin No. | Name | Description |
| :--- | :--- | :--- |
| 1, 14 | -IN1 / -IN2 | Inverting Inputs for Channels 1 and 2 |
| 2, 13 | +IN1 / +IN2 | Non-Inverting Inputs for Channels 1 and 2 |
| 3, 12 | REF1 / REF2 | Reference pins for output level shifting |
| 6, 9 | OUT1 / OUT2 | Output pins |
| 11 | V+ | Positive Supply Voltage |
| 4 | V- | Negative Supply Voltage |
---
### Common Applications
* **Voltage Measurement**: Measuring high-side or low-side voltages in power management systems.
* **ADC Buffering**: Driving Analog-to-Digital Converters (ADCs) with differential signals.
* **Industrial Automation**: Process control loops and sensor signal conditioning.
* **Instrumentation**: Portable medical or laboratory equipment requiring low-power differential sensing.
---
- ⤷How does the 'Fixed Gain' feature impact circuit design flexibility compared to operational amplifiers?
- ⤷ What are the advantages of using the SOIC_N package for this specific part?
- ⤷ Can the AD8279ARZ-R7 be used in a single-supply configuration for automotive applications?