AD8276ARZ-R7
AI

## Technical Overview of the AD8276ARZ-R7
The **AD8276ARZ-R7** is a high-performance, low-power, unity-gain difference amplifier manufactured by Analog Devices. It is designed for precision signal conditioning where high common-mode rejection and low power consumption are required.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Function** | Unity-Gain Difference Amplifier ($G=1$) |
| **Supply Voltage** | 2.0 V to 36 V (Single) / ±2 V to ±18 V (Dual) |
| **Quiescent Current** | 200 µA (Maximum) |
| **CMRR (Common-Mode Rejection Ratio)** | 86 dB (Minimum) |
| **Gain Drift** | 1 ppm/°C (Maximum) |
| **Bandwidth (-3 dB)** | 550 kHz |
| **Package / Case** | 8-SOIC (Small Outline Integrated Circuit) |
| **Packaging** | Tape & Reel (R7 suffix) |
---
### 2. Internal Architecture
The AD8276 contains an internal operational amplifier and four laser-trimmed resistors.
* **Integrated Resistors:** The resistors are matched to a very high degree of precision. Because they are on the same silicon die, they track temperature changes almost identically, resulting in excellent gain stability over a wide temperature range.
* **Precision Performance:** Unlike discrete solutions (using a standard Op-Amp and external resistors), the AD8276 eliminates the need for manual trimming to achieve high Common-Mode Rejection (CMRR).
---
### 3. Pin Configuration
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | -IN | Inverting Input |
| 2 | REF | Reference Voltage Input (sets the output offset) |
| 3 | -V_S | Negative Supply Voltage |
| 4 | OUT | Output Signal |
| 5 | NC | No Connection |
| 6 | +V_S | Positive Supply Voltage |
| 7 | SENSE | Feedback Connection (usually tied to OUT) |
| 8 | +IN | Non-Inverting Input |
---
### 4. Primary Applications
1. **Voltage Measurement:** Ideal for measuring voltages across a shunt resistor in high-side or low-side current sensing.
2. **ADC Driver:** Used to condition signals before they enter an Analog-to-Digital Converter, ensuring the signal is referenced to the correct ground or bias level.
3. **Instrumentation Amplifier:** Can be used as a building block for more complex instrumentation circuits.
4. **Battery Monitoring:** The low power consumption (200 µA) makes it suitable for portable, battery-operated devices.
---
### 5. Part Number Breakdown (AD8276ARZ-R7)
* **AD8276:** The base model number.
* **A:** Performance grade (Standard Grade).
* **R:** Package type (SOIC).
* **Z:** RoHS compliant (Lead-free).
* **R7:** Packaging format (7-inch Reel, typically containing 1,000 pieces).
---
- ⤷
What is the advantage of using the AD8276 over a standard Op-Amp with external resistors?
- ⤷ How does the REF pin influence the output voltage in a single-supply system?
- ⤷ Can the AD8276 be used for high-side current sensing in automotive applications?