công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AD8251ARZ-R7

  • AI
    The **AD8251ARZ-R7** is a high-performance, digitally programmable gain instrumentation amplifier (PGIA) manufactured by Analog Devices. It is designed for applications requiring high precision, high speed, and flexible gain settings. --- ### 1. General Specifications | Parameter | Value / Description | | :--- | :--- | | **Manufacturer** | Analog Devices | | **Package Type** | 8-Lead SOIC (Small Outline Integrated Circuit) | | **Gain Settings** | 1, 2, 4, 8 (Digitally Selectable) | | **Bandwidth** | 10 MHz (at G=1) | | **Slew Rate** | 20 V/µs | | **Input Offset Voltage** | 50 µV (max) | | **CMRR** | 80 dB (min, G=1) | | **Operating Supply** | ±5 V to ±15 V | --- ### 2. Key Internal Features The AD8251 architecture combines the high impedance of an instrumentation amplifier with the versatility of a multiplexer. * **Digital Gain Control:** It features a 2-bit parallel interface that allows the user to switch between gains of 1, 2, 4, and 8. This eliminates the need for external precision resistors. * **Settling Time:** It is optimized for fast data acquisition systems, with a settling time of approximately 615 ns to 0.001%. * **Input Stage:** The device uses a proprietary architecture that maintains high Common-Mode Rejection Ratio (CMRR) even as the gain changes. * **Overvoltage Protection:** The inputs are robust and can handle voltages beyond the supply rails (typically up to 40V from the opposite rail). --- ### 3. Pin Configuration Summary | Pin # | Mnemonic | Description | | :--- | :--- | :--- | | 1 | -IN | Inverting Input | | 2 | +IN | Non-Inverting Input | | 3 | REF | Reference Pin (Sets output zero level) | | 4 | -Vs | Negative Supply Voltage | | 5 | A0 | Gain Control Bit 0 (LSB) | | 6 | A1 | Gain Control Bit 1 (MSB) | | 7 | Vout | Output Signal | | 8 | +Vs | Positive Supply Voltage | --- ### 4. Typical Applications * **Data Acquisition (DAQ):** Used as a front-end to ADCs to scale signals of varying amplitudes. * **Medical Instrumentation:** High-precision signal conditioning for sensors. * **Industrial Process Control:** Interfacing with bridge sensors and thermocouples. * **Automatic Test Equipment (ATE):** Where fast switching between different signal levels is required. --- ### 5. Part Number Suffix Breakdown * **ARZ:** Indicates the package type (R = SOIC) and that it is Lead-Free/RoHS compliant (Z). * **R7:** Indicates the packaging format, specifically a **7-inch Tape and Reel** (typically containing 1,000 units).
    ✨ Follow-up Questions
    • ⤷ How do the A0 and A1 digital inputs map to the specific gain levels?
    • ⤷ What is the significance of the REF pin in this circuit?
    • ⤷ How does the settling time affect its use with high-speed ADCs?