công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AD8237ARMZ-R7

  • AI
    ## Technical Overview of the AD8237ARMZ-R7 The **AD8237ARMZ-R7** is a high-precision, micropower, rail-to-rail instrumentation amplifier manufactured by Analog Devices. It is specifically designed for applications requiring low power consumption and high accuracy, such as medical instrumentation and portable sensors. --- ### 1. Key Technical Specifications | Parameter | Description | | :--- | :--- | | **Architecture** | Indirect Current Feedback (ICF) | | **Supply Voltage Range** | 1.8V to 5.5V | | **Quiescent Current** | 33 $\mu$A (typical) | | **Gain Range** | 1 to 1000 | | **Common-Mode Rejection Ratio (CMRR)** | 114 dB (at Gain = 100) | | **Input Bias Current** | 500 pA (max) | | **Package Type** | MSOP-8 (ARMZ suffix) | | **Packing Style** | Tape & Reel (R7 suffix) | --- ### 2. Core Features and Functionality #### Indirect Current Feedback (ICF) Unlike traditional three-op-amp instrumentation amplifiers, the AD8237 uses an indirect current feedback architecture. This allows it to: * Achieve a **rail-to-rail input range** that can exceed the supply rails. * Maintain high CMRR even at low gains. * Operate effectively on a single-cell battery (1.8V). #### Gain Configuration The gain is set by the ratio of two external resistors ($R_f$ and $R_g$). This provides flexibility compared to fixed-gain amplifiers. * **Formula:** $Gain = 1 + (R_f / R_g)$ #### Power Efficiency With a maximum supply current of only 42 $\mu$A, it is ideal for "always-on" battery-powered devices where energy conservation is critical. --- ### 3. Pinout Configuration (MSOP-8) | Pin # | Pin Name | Function | | :--- | :--- | :--- | | 1 | +IN | Non-inverting Input | | 2 | -IN | Inverting Input | | 3 | BW | Bandwidth Control (Connect to V+ or V- to adjust) | | 4 | V- | Negative Power Supply | | 5 | REF | Reference Pin (Sets output offset) | | 6 | FB | Feedback Pin (Connect to Gain resistors) | | 7 | VOUT | Output Signal | | 8 | V+ | Positive Power Supply | --- ### 4. Typical Applications * **Medical Sensors:** ECG/EKG monitors, heart rate monitors. * **Industrial:** 4mA to 20mA loop-powered transmitters, bridge amplifiers. * **Consumer Electronics:** Wearable health trackers, precision battery monitoring. --- ### 5. Part Number Breakdown `AD8237` (Base Model) + `ARMZ` (MSOP package, RoHS compliant) + `R7` (7-inch Reel, 1000 units).
    ✨ Follow-up Questions
    • ⤷ How do you calculate the resistor values for a specific gain on the AD8237?
    • ⤷ What are the advantages of Indirect Current Feedback over traditional instrumentation amplifiers?
    • ⤷ Does the AD8237 require specific PCB layout considerations for low-noise performance?