AD8229HRZ-R7
AI

## AD8229HRZ-R7: High-Temperature Instrumentation Amplifier
The **AD8229HRZ-R7** is a high-performance, low-noise instrumentation amplifier manufactured by Analog Devices. Its most distinguishing feature is its ability to operate in extreme temperature environments, making it a specialized component for industrial and aerospace applications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Architecture** | 3-Op Amp Topology |
| **Temperature Range** | -40°C to +210°C |
| **Low Noise** | 1.0 nV/√Hz (input voltage noise) |
| **Gain Range** | 1 to 1000 (set by a single external resistor) |
| **CMRR** | 100 dB min (G=10) |
| **Slew Rate** | 22 V/µs |
| **Package** | 8-Lead SOIC (High-Temperature optimized) |
---
### 2. Core Electronic Characteristics
#### A. Extreme Temperature Stability
Unlike standard integrated circuits that fail or drift significantly above 125°C, the AD8229 is designed with a specialized silicon process. This ensures that the offset voltage, drift, and input bias current remain predictable even at **210°C**.
#### B. Ultra-Low Noise Performance
With a voltage noise density of **1.0 nV/√Hz**, this part is one of the quietest instrumentation amplifiers available. This makes it ideal for amplifying very small signals from sensors (like thermocouples or strain gauges) in noisy environments.
#### C. High Common-Mode Rejection Ratio (CMRR)
The device excels at rejecting "noise" that is common to both input terminals. This is critical for industrial applications where long cable runs can pick up 50/60Hz interference or EMI.
---
### 3. Pin Configuration & Application
The AD8229 follows a standard instrumentation amplifier pinout:
1. **-IN**: Inverting Input
2. **RG**: Gain Resistor Terminal 1
3. **RG**: Gain Resistor Terminal 2
4. **+IN**: Non-inverting Input
5. **-Vs**: Negative Supply
6. **REF**: Reference (Output offset)
7. **Vout**: Output Signal
8. **+Vs**: Positive Supply
**Gain Calculation:**
The gain ($G$) is set using an external resistor ($R_G$) according to the formula:
```math
G = 1 + \frac{6 \text{ k}\Omega}{R_G}
```
---
### 4. Typical Use Cases
* **Down-hole Drilling:** Monitoring pressure and temperature in oil and gas wells.
* **Aerospace:** Engine control units and exhaust gas sensing.
* **Industrial:** High-temperature ovens and chemical processing plants.
* **Medical:** Autoclave-resistant instrumentation.
---
- ⤷
What are the specific requirements for the gain resistor (RG) when operating at 210°C?
- ⤷ How does the power consumption of the AD8229 change across its temperature range?
- ⤷ What is the difference between the AD8229 and the AD8221 in terms of performance?