công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AD8228BRMZ-R7

  • AI
    ## Technical Overview: AD8228BRMZ-R7 The **AD8228BRMZ-R7** is a high-performance, precision instrumentation amplifier manufactured by **Analog Devices**. It is specifically designed to provide high accuracy and low noise in applications where signal conditioning is critical. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Type** | Instrumentation Amplifier | | **Gain Settings** | Pin-programmable (G = 10 or G = 100) | | **CMRR (Common-Mode Rejection)** | 100 dB minimum (G = 100) | | **Input Offset Voltage** | 100 µV (maximum) | | **Gain Drift** | 5 ppm/°C (maximum) | | **Bandwidth** | 650 kHz (at G = 100) | | **Operating Voltage** | ±2.3 V to ±18 V (Dual) or 4.6 V to 36 V (Single) | | **Package** | 8-Lead MSOP | --- ### Core Electronic Characteristics #### 1. Pin-Programmable Gain One of the most distinct features of the AD8228 is its gain flexibility. Unlike typical instrumentation amplifiers that require an external resistor ($R_G$) to set the gain, the AD8228 has internal, laser-trimmed resistors. - **G = 10:** Achieved by leaving the gain pins open. - **G = 100:** Achieved by shorting specific pins. - **Benefit:** This eliminates gain errors caused by external resistor tolerances and temperature drifts. #### 2. High Precision and Stability The device is engineered for low-level signal amplification. It features: - **Low Offset Drift:** Ensures that the DC accuracy is maintained over temperature fluctuations. - **High CMRR:** It effectively rejects common-mode noise (like 50/60Hz interference) even at high frequencies. #### 3. Power and Supply Versatility The AD8228 can operate on a wide range of power supplies. It supports a true rail-to-rail output (within millivolts of the supply rails), which maximizes the dynamic range when used with 5V or 10V Analog-to-Digital Converters (ADCs). --- ### Pin Configuration Summary | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | -IN | Inverting Input | | 2 | G1 | Gain setting pin | | 3 | G2 | Gain setting pin | | 4 | +IN | Non-inverting Input | | 5 | -V_S | Negative Supply | | 6 | REF | Reference Pin (sets output offset) | | 7 | V_OUT | Output Pin | | 8 | +V_S | Positive Supply | --- ### Common Applications - **Industrial Process Control:** Bridge amplifiers for pressure and temperature sensors. - **Medical Instrumentation:** ECG and patient monitoring systems. - **Precision Data Acquisition:** Front-end for high-resolution ADCs. - **Weight Scales:** Strain gauge amplification. ---
    ✨ Follow-up Questions
    • ⤷ How does the AD8228 compare to the AD8221 in terms of gain setting?
    • ⤷ What is the significance of the '-R7' suffix in the part number?
    • ⤷ Can you explain the importance of the REF pin in this circuit?