công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AD8228ARMZ-R71

  • AI
    ## Overview of the AD8228ARMZ-R7 The **AD8228ARMZ-R7** is a high-performance, precision instrumentation amplifier designed by Analog Devices. It is specifically engineered for applications requiring high accuracy and low noise, such as medical instrumentation and industrial process control. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Gain Settings** | Fixed Gain of 10 or 100 (pin-selectable) | | **Package Type** | MSOP-8 (Mini Small Outline Package) | | **Supply Voltage** | $\pm$2.3 V to $\pm$18 V (Dual) or 4.6 V to 36 V (Single) | | **Gain Error** | Max 0.02% (G=10) | | **Gain Drift** | 5 ppm/°C (Max) | | **CMRR (Common Mode Rejection)** | 100 dB min (G=100) | | **Input Offset Voltage** | 100 $\mu$V max | | **Bandwidth (-3 dB)** | 650 kHz (G=100) | --- ### 2. Core Features & Architecture * **Pre-Trimmed Resistors:** Unlike standard instrumentation amplifiers that require an external resistor ($R_G$) to set the gain, the AD8228 features internal, laser-trimmed resistors. This eliminates gain drift caused by external component temperature sensitivity. * **High Precision:** The device offers one of the lowest gain errors in its class, ensuring that the signal remains highly accurate even across a wide temperature range. * **High Input Impedance:** It features a classic three-op-amp architecture, providing extremely high input impedance, which prevents loading effects on delicate sensor signals. * **Robust Protection:** The inputs are protected against ESD and can handle voltages slightly beyond the supply rails. --- ### 3. Pin Configuration (MSOP-8) | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | -IN | Inverting Input | | 2 | GAIN | Gain Selection Pin (Open = 10, Connected to Pin 3 = 100) | | 3 | +IN | Non-inverting Input | | 4 | -V | Negative Supply | | 5 | REF | Reference Pin (Sets the output offset) | | 6 | OUT | Output Signal | | 7 | +V | Positive Supply | | 8 | NC | No Connect | --- ### 4. Typical Applications 1. **Industrial Process Control:** Bridge amplifiers for pressure and temperature sensors. 2. **Medical Equipment:** ECG/EKG monitoring and patient monitoring systems where low noise is critical. 3. **Data Acquisition:** High-resolution front-ends for Analog-to-Digital Converters (ADCs). 4. **Precision Weigh Scales:** Handling very small differential voltages from load cells. --- ### 5. Part Number Breakdown: AD8228ARMZ-R7 * **AD8228:** The base model number. * **A:** Performance grade (Standard Grade). * **RM:** Package code for MSOP (Mini Small Outline Package). * **Z:** RoHS compliant (Lead-free). * **R7:** Packaging format (7-inch Tape and Reel, typically 1,000 units).
    ✨ Follow-up Questions
    • ⤷ How does the AD8228 compare to the AD8221 in terms of gain setting?
    • ⤷ What is the significance of the REF pin in this instrumentation amplifier?
    • ⤷ Can the AD8228 be used with a single-ended power supply?