công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AD8224BCPZ-R7

  • AI
    ### Technical Overview of AD8224BCPZ-R7 The **AD8224BCPZ-R7** is a high-performance, precision instrumentation amplifier developed by Analog Devices. It is unique because it is the industry's first **dual-channel, rail-to-rail output, JFET-input** instrumentation amplifier available in a compact space-saving package. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Channels** | Dual (Two independent amplifiers) | | **Input Type** | JFET (High Input Impedance) | | **Gain Range** | 1 to 1000 (Set by a single external resistor) | | **Supply Voltage** | 4.5 V to 36 V (Single) / ±2.25 V to ±18 V (Dual) | | **Bandwidth** | 1.5 MHz (at G=1) | | **Common-Mode Rejection Ratio (CMRR)** | 86 dB (Minimum at G=1) | | **Package Type** | LFCSP (Lead Frame Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | --- ### Core Electronic Components & Features #### 1. JFET Input Stage The use of **JFETs** (Junction Field-Effect Transistors) at the input stage provides extremely low input bias current (typically **10 pA**). This makes it ideal for interfacing with high-impedance sensors, as it minimizes signal loading errors. #### 2. Gain Architecture The gain is calculated using the following formula: `G = 1 + (49.4 kΩ / Rg)` By placing a single precision resistor ($R_g$) between the gain pins, the user can customize the amplification levels for both channels independently. #### 3. Rail-to-Rail Output Unlike standard amplifiers that clip near the power rails, the AD8224 can swing its output voltage very close to the positive and negative supply voltages. This maximizes the **dynamic range**, which is critical when operating on low-voltage batteries. #### 4. Precision & Stability * **Low Offset Drift:** Ensures that the signal remains accurate even as the device heats up. * **High CMRR:** Effectively rejects "noise" that is common to both input lines (like 50/60 Hz hum from power lines). --- ### Typical Applications 1. **Medical Instrumentation:** ECG and EEG monitoring where signals are tiny and noise is high. 2. **Industrial Process Control:** Bridge amplifiers for pressure and temperature sensors. 3. **Precision Data Acquisition:** Interfacing sensors with high-resolution Analog-to-Digital Converters (ADCs). 4. **Multichannel Systems:** Because it contains two amplifiers in one small 4x4mm package, it is perfect for high-density circuit boards. --- ### Pin Configuration Summary The "BCPZ" suffix refers to the **LFCSP** package, which usually includes an exposed thermal pad. This pad should be connected to the most negative potential (usually $-V_s$) to ensure electrical stability and heat dissipation.
    ✨ Follow-up Questions
    • ⤷ How does the JFET input compare to BJT inputs in terms of noise and bias current?
    • ⤷ What is the specific calculation for Rg if I need a gain of exactly 100?
    • ⤷ Can the two channels be cascaded to achieve higher gain or filtering?