AD8212WYRMZ-R71
AI

The **AD8212WYRMZ-R7** is a high-voltage, shunt-side current sense amplifier designed by Analog Devices. It is specifically engineered to measure small differential voltages across a sense resistor in the presence of high common-mode voltages.
---
## 🛠️ Key Technical Specifications
The following table summarizes the primary electrical characteristics of the AD8212:
| Parameter | Specification |
| :--- | :--- |
| **Common-Mode Voltage Range** | 7 V to 650 V (with external MOSFET) |
| **Supply Voltage Range** | 7 V to 650 V |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | 8-Lead MSOP |
| **Output Type** | Current Output |
| **Qualification** | Automotive (AEC-Q100) |
---
## 🔍 Core Functional Parts
The AD8212 utilizes a unique architecture that sets it apart from standard operational amplifiers:
### 1. High-Voltage Interface
Unlike integrated amplifiers limited to 30V or 60V, the AD8212 uses an **external NPN transistor** or **MOSFET** to "float" the device. This allows it to monitor current on rails as high as 650V while the chip itself operates at a much lower internal voltage.
### 2. Current Output Stage
The device converts the differential input voltage (generated by the shunt resistor) into a proportional output current. This is beneficial for:
* **Noise Immunity:** Current signals are less susceptible to electromagnetic interference.
* **Ground Offsets:** It allows for easy level-shifting of the signal to a low-voltage ADC or Microcontroller.
### 3. Precision Differential Amplifier
The internal circuitry includes high-precision resistors and a low-offset amplifier to ensure that the small voltage drop across the shunt (typically millivolts) is accurately captured without significant error.
---
## 🚘 Applications and Use Cases
The "W" in the part number indicates **Automotive Grade** qualification, making it ideal for harsh environments:
* **Electric Vehicles (EV):** Monitoring high-voltage battery stacks and motor controllers.
* **Industrial Power Supplies:** Overcurrent protection in 48V to 400V systems.
* **48V Mild Hybrid Systems:** Current sensing for integrated starter generators.
* **Solenoid/Valve Control:** Precise current monitoring for inductive loads.
---
## 📝 Part Number Breakdown: AD8212WYRMZ-R7
* **AD8212:** Model Series.
* **W:** Automotive Qualified (AEC-Q100).
* **Y:** Temperature grade (-40°C to +125°C).
* **RM:** Package code for MSOP (Mini Small Outline Package).
* **Z:** RoHS compliant (Lead-free).
* **R7:** 7-inch Tape and Reel packaging (typically 1,000 units).
---
- ⤷
How does the external NPN transistor enable the 650V operation in this circuit?
- ⤷ What is the recommended shunt resistor value for a 10A current measurement using the AD8212?
- ⤷ How does the AD8212 compare to the AD8210 in terms of common-mode voltage range?