AD8190ACPZ-R7
AI

The **AD8190ACPZ-R7** is a high-performance HDMI/DVI switch with integrated equalization and pre-emphasis, manufactured by Analog Devices. It is primarily used in digital video systems to manage high-speed differential signals.
---
## 1. Core Specifications
Below are the primary technical parameters for the AD8190ACPZ-R7:
| Parameter | Specification |
| :--- | :--- |
| **Function** | 2:1 HDMI/DVI Switch |
| **Data Rate** | Up to 1.65 Gbps per channel |
| **Supported Resolution** | UXGA (1600x1200) / 1080p |
| **Supply Voltage** | 3.3V |
| **Package** | 56-lead LFCSP (Lead Frame Chip Scale Package) |
| **Operating Temperature** | -40°C to +85°C |
---
## 2. Key Electronic Features
### A. Equalization and Pre-emphasis
* **Input Equalization:** It compensates for signal loss caused by long HDMI cables (up to 20 meters at 1080p).
* **Output Pre-emphasis:** It boosts the signal at the output to maintain integrity when driving long PCB traces or additional cabling.
### B. TMDS Switching
The device manages **Transition Minimized Differential Signaling (TMDS)**, which is the core signaling technology for HDMI and DVI. It allows for seamless switching between two video sources to one display.
### C. Auxiliary Signal Support
Beyond high-speed video data, the AD8190 handles the lower-speed signals required by the HDMI standard:
* **DDC (Display Data Channel):** I2C-compatible switching for EDID communication.
* **HPD (Hot Plug Detect):** Logic to notify the source that a display is connected.
---
## 3. Pinout and Integration (Example)
The chip is integrated into a system via an I2C control interface or through hardware pins for manual switching.
```c
// Pseudo-code conceptualizing I2C control for the AD8190
void select_hdmi_source(int source_id) {
if (source_id == 1) {
i2c_write(AD8190_ADDR, CONFIG_REG, MASK_SOURCE_A);
} else {
i2c_write(AD8190_ADDR, CONFIG_REG, MASK_SOURCE_B);
}
}
```
---
## 4. Typical Applications
* **Digital Televisions (HDTVs):** To provide multiple HDMI input ports.
* **AV Receivers:** To switch between Blu-ray players, consoles, and cable boxes.
* **Projectors:** High-fidelity signal switching in professional environments.
* **HDMI Splitters/Switchers:** Dedicated consumer electronics for port expansion.
---
- ⤷What is the difference between AD8190 and AD8191?
- ⤷ How does input equalization improve signal integrity in this chip?
- ⤷ What are the PCB layout requirements for the TMDS lines of the AD8190?