công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AD8145WYCPZ-R7

  • AI
    ## Overview of AD8145WYCPZ-R7 The **AD8145WYCPZ-R7** is a high-speed, triple differential-to-single-ended receiver designed specifically for high-performance video applications over twisted-pair cables (like Cat5/Cat6). It is manufactured by Analog Devices and is part of their automotive-qualified product line. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Triple Differential Receiver | | **Bandwidth (-3 dB)** | 550 MHz | | **Slew Rate** | 1150 V/µs | | **Gain** | Fixed Gain of 2 | | **Differential Input Range** | ±2.0 V | | **Supply Voltage Range** | 4.5 V to 11 V (Dual or Single) | | **Package** | 32-Lead LFCSP (5mm x 5mm) | | **Operating Temp** | -40°C to +105°C (Automotive Grade) | --- ### Core Functions & Features 1. **Triple Receiver Architecture:** It contains three independent wideband receivers, making it ideal for component video signals such as **RGB** or **YPbPr**. 2. **Common-Mode Rejection (CMR):** One of its primary roles is to convert differential signals (which are resistant to noise) back into single-ended signals while rejecting common-mode noise picked up during transmission over long cable runs. 3. **Adjustable VCOM:** The device allows for common-mode voltage adjustment, which is critical when interfacing with various ADCs or video processors that require specific DC offset levels. 4. **Automotive Qualification (W-Grade):** The "W" in the part number signifies that it is AEC-Q100 qualified, meaning it is tested for high reliability in harsh automotive environments (e.g., rearview cameras, infotainment systems). 5. **Fast Settling Time:** With a settling time of approximately 10 ns to 0.1%, it ensures minimal ghosting or blurring in high-resolution video streams. --- ### Typical Pin Configuration Categories | Pin Groups | Description | | :--- | :--- | | **INP_x / INN_x** | Positive and Negative differential inputs for the 3 channels. | | **OUT_x** | Single-ended outputs for the 3 channels. | | **REF_x** | Reference pins used to set the output offset voltage. | | **ENABLE** | Logic pin to power down the device for energy saving. | | **VCC / VEE** | Positive and Negative power supply pins. | --- ### Applications * **Automotive Infotainment:** Driving video from cameras to dashboard displays. * **Video Distribution:** Sending high-resolution VGA/RGB signals over long-distance UTP (Unshielded Twisted Pair) cables. * **KVM Switches:** Used in Keyboard-Video-Mouse extenders. * **Security Surveillance:** Processing differential signals from remote analog cameras.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD8145 and the AD8143?
    • ⤷ How does the fixed gain of 2 affect the signal-to-noise ratio in video transmission?
    • ⤷ What are the power dissipation considerations for the 32-lead LFCSP package?