AD8137WYCPZ-R7
AI

## Overview of the AD8137WYCPZ-R7
The **AD8137WYCPZ-R7** is a low-cost, low-power, differential amplifier designed by Analog Devices. It is specifically engineered to drive high-performance ADCs (Analog-to-Digital Converters) while maintaining high speed and signal integrity. The "W" in the part number signifies that it is **Automotive Qualified**, making it suitable for high-reliability environments.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Architecture** | Differential Amplifier (Rail-to-Rail Output) |
| **Bandwidth (-3 dB)** | 110 MHz |
| **Slew Rate** | 450 V/µs |
| **Supply Voltage Range** | 2.7 V to 12 V (Single or Dual Supply) |
| **Supply Current** | 3.2 mA (Low Power) |
| **Package Type** | LFCSP-8 (3mm x 3mm) |
| **Operating Temperature** | -40°C to +125°C (Automotive Grade) |
---
### Key Features and Internal Components
1. **Fully Differential Architecture**: It converts single-ended signals to differential signals or processes differential signals directly. This is crucial for reducing noise and even-order harmonics.
2. **Vocm Pin (Output Common-Mode Control)**: This pin allows the user to set the output common-mode voltage independently of the input signal. This is vital for level-shifting signals to match the input range of an ADC.
3. **Rail-to-Rail Output**: This ensures the maximum dynamic range is utilized, especially when working with low-voltage power supplies (e.g., 3.3V or 5V).
4. **High Slew Rate**: At 450 V/µs, the part can handle fast transitions and high-frequency signals without distortion.
---
### Application Circuit Example
When using the AD8137, designers typically use a four-resistor feedback network to set the gain.
```c
// Calculation for Gain (G)
G = Rf / Rg
Where:
Rf = Feedback Resistor
Rg = Gain Resistor
```
---
### Common Use Cases
* **ADC Driving**: Perfect for driving 12-bit to 16-bit ADCs in automotive sensors.
* **Single-Ended to Differential Conversion**: Ideal for signal conditioning where the sensor is single-ended but the processor requires differential input.
* **Active Filtering**: Can be used in differential filter topologies to remove high-frequency noise.
* **Automotive Systems**: Used in LiDAR, Radar, and Infotainment systems due to its AEC-Q100 qualification.
---
- ⤷What is the difference between the 'W' and 'non-W' versions of this chip?
- ⤷ How do I calculate the power dissipation for the LFCSP-8 package?
- ⤷ Can this amplifier be used with a single 3.3V supply?