công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AD8124ACPZ-R7

  • AI
    ## AD8124ACPZ-R7: Technical Overview The **AD8124ACPZ-R7** is a high-speed, triple-channel differential receiver and equalizer manufactured by **Analog Devices**. It is primarily designed to compensate for the transmission losses of high-definition video signals sent over long lengths of Unshielded Twisted Pair (UTP) cables (like Cat5 or Cat6). --- ### Core Specifications The following table summarizes the key electrical and physical characteristics: | Feature | Specification | | :--- | :--- | | **Channels** | 3 (Triple) | | **Bandwidth (-3 dB)** | 200 MHz | | **Slew Rate** | 800 V/µs | | **Cable Compensation** | Up to 300 meters (Cat5e) | | **Supply Voltage** | ±5V (Dual) or +5V to +12V (Single) | | **Package Type** | LFCSP-40 (6mm x 6mm) | | **Mounting Type** | Surface Mount | --- ### Key Functional Components 1. **Equalization Engine**: The core of the chip is its adjustable equalization circuitry. As high-frequency signals travel over copper wire, they attenuate faster than low-frequency signals (skin effect). The AD8124 applies a "boost" to the high frequencies to restore the original signal integrity. 2. **Control Interface**: It features a **V_PEAK** pin, which allows for analog control of the equalization level. By adjusting the voltage on this pin, an engineer can tune the chip to match the specific length of the cable being used. 3. **Differential Inputs**: The device accepts differential signals, which provides high common-mode rejection (CMRR). This is critical for rejecting noise and EMI in industrial or long-distance environments. 4. **Logic and Power Management**: The chip includes a "Power Down" mode to reduce current consumption when the video signal is not required, making it suitable for energy-efficient designs. --- ### Typical Applications * **KVM (Keyboard-Video-Mouse) Extenders**: Sending VGA/DVI/HDMI signals over Ethernet cables. * **CCTV Surveillance**: Transmitting high-resolution analog video over long distances. * **Digital Signage**: Distributing video content across large venues or buildings. * **Video Projection Systems**: Professional AV installations requiring signal restoration. --- ### Pin Configuration Summary (LFCSP-40) | Pin Category | Function | | :--- | :--- | | **IN+ / IN-** | Differential inputs for Red, Green, and Blue (or YPbPr) channels. | | **OUT** | Single-ended outputs to drive video loads. | | **V_PEAK** | Analog control voltage to set the amount of high-frequency boost. | | **V_GAIN** | Adjusts the overall gain of the signal path. | | **VCC/VEE** | Positive and Negative power supply rails. |
    ✨ Follow-up Questions
    • ⤷ What is the maximum resolution supported by the AD8124 bandwidth?
    • ⤷ How does the V_PEAK pin voltage correspond to cable length?
    • ⤷ Are there recommended alternative parts for digital-only signals?