công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AD8120ACPZ-R7

  • AI
    ### AD8120ACPZ-R7 Overview The **AD8120ACPZ-R7** is a high-performance, triple-channel delay line with an integrated high-bandwidth amplifier. It is primarily designed for high-resolution video applications to compensate for skew (time delays) in twisted-pair cables (like Cat5/Cat6). --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | Triple Delay Line with Buffer/Amplifier | | **Number of Channels** | 3 (RGB or YPbPr) | | **Bandwidth** | 200 MHz (-3 dB) | | **Delay Range** | 0 ns to 50 ns | | **Delay Step Size** | 0.8 ns (Fine Resolution) | | **Package** | 32-LFCSP (Lead Frame Chip Scale Package) | | **Operating Voltage** | 5V to 12V (Dual or Single supply) | | **Slew Rate** | 1600 V/µs | --- ### Internal Functional Parts 1. **Triple Delay Lines:** These are the core components. They allow for independent adjustment of signal timing for the Red, Green, and Blue channels. This is critical because, in twisted-pair cables, different pairs have different twist lengths, leading to signal arrival at different times (color skew). 2. **Logic Control Interface:** The chip features a digital interface (usually via serial or parallel control) that allows a microcontroller to program the exact delay values for each channel. 3. **Output Buffers/Amplifiers:** The integrated high-speed amplifiers ensure that the signal can drive standard video loads (typically 75Ω or 100Ω) without losing signal integrity or bandwidth. 4. **Gain Control:** The device often includes adjustable gain to compensate for signal attenuation caused by long cable runs. --- ### Typical Application Circuit In a standard deployment, the AD8120 is placed at the **receiver end** of a video-over-UTP (Unshielded Twisted Pair) system. ```mermaid graph LR A[UTP Cable Input] --> B[AD8120 Delay Line] C[Microcontroller] -- I2C/Serial --> B B --> D[Video Display/Monitor] ``` ### Why use the "R7" suffix? The suffix **-R7** indicates the packaging format: it specifically refers to a **7-inch Tape and Reel**, typically containing 1,500 units, designed for automated surface-mount assembly (SMT). ---
    ✨ Follow-up Questions
    • ⤷ What are the common causes of signal skew in UTP cables?
    • ⤷ How does the AD8120 handle power consumption in high-bandwidth modes?
    • ⤷ Can the AD8120 be used for signals other than analog video?