công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AD8051ARTZ-R2

  • AI
    ### Overview of AD8051ARTZ-R2 The **AD8051ARTZ-R2** is a high-speed, voltage feedback operational amplifier (op-amp) manufactured by Analog Devices. It is designed to offer high performance at low power consumption, making it ideal for battery-operated systems and video applications. --- ### Technical Specifications The following table outlines the primary electrical characteristics of the AD8051ARTZ-R2: | Parameter | Specification | | :--- | :--- | | **Bandwidth (-3 dB)** | 110 MHz | | **Slew Rate** | 145 V/µs | | **Supply Voltage Range** | 3 V to 12 V (Single or Dual Supply) | | **Output Current** | 45 mA | | **Settling Time (0.1%)** | 50 ns | | **Quiescent Current** | 4.4 mA (per amplifier) | | **Package Type** | SOT-23-5 (Surface Mount) | --- ### Key Electronic Features 1. **Rail-to-Rail Output:** The output swing can reach within millivolts of both supply rails, maximizing the dynamic range, especially in low-voltage systems (e.g., 3V or 5V). 2. **High Speed & Fast Settling:** With a 110 MHz bandwidth and a 145 V/µs slew rate, it can handle rapid signal transitions without significant distortion, which is critical for video signals and pulse-based data. 3. **Low Distortion:** It maintains high signal integrity, making it suitable as a driver for high-speed Analog-to-Digital Converters (ADCs). 4. **Single-Supply Operation:** Unlike older op-amps that require ±15V, this part is optimized for single-supply operation (e.g., +5V), simplifying power management in modern digital circuits. --- ### Typical Applications * **Video Electronics:** NTSC/PAL line drivers and professional video buffers. * **ADC Buffering:** Used as a front-end buffer for high-speed converters to ensure accurate data capture. * **Active Filters:** Designing high-frequency filters in communications equipment. * **Photodiode Pre-amps:** Amplifying small currents from high-speed optical sensors. --- ### Pinout Configuration (SOT-23-5) ```text SOT-23-5 +-------+ OUT | 1 5 | V+ (Positive Supply) V- | 2 | +IN | 3 4 | -IN +-------+ ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8051 and the AD8052?
    • ⤷ Can the AD8051ARTZ-R2 be used in a ±5V dual-supply configuration?
    • ⤷ What is the significance of the 'R2' suffix in the part number?