AI

The **AD8038AKS-R2** is a high-speed, voltage feedback amplifier manufactured by Analog Devices. It is designed to provide high performance with low power consumption, making it ideal for battery-operated or portable high-frequency equipment.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Type** | High-Speed Voltage Feedback Op-Amp |
| **Bandwidth (-3 dB)** | 350 MHz |
| **Slew Rate** | 425 V/µs |
| **Supply Voltage Range** | 3 V to 12 V (Single or Dual) |
| **Supply Current** | 1.0 mA (Typical) |
| **Package Type** | SC70-5 (AKS designation) |
| **Input Bias Current** | 400 nA |
---
### 2. Physical Characteristics and Packaging
The suffix **"AKS-R2"** provides specific information regarding its form factor and delivery:
* **AKS**: Refers to the **SC70** (5-lead) package. This is an ultra-small surface-mount package, significantly smaller than SOT-23, used in space-constrained designs.
* **R2**: Indicates the shipping format, typically a **7-inch reel** containing a specific quantity (often 250 units) for automated assembly.
---
### 3. Core Features
* **Low Power:** Consumes only 1.0 mA of quiescent current, which is exceptionally low for a 350 MHz amplifier.
* **High Speed:** Rapid response time with a 425 V/µs slew rate, minimizing distortion in fast pulses.
* **Rail-to-Rail Output:** The output swing can reach within millivolts of the supply rails, maximizing dynamic range on low-voltage supplies.
* **Low Distortion:** Maintains high signal integrity, which is critical for driving ADCs (Analog-to-Digital Converters).
---
### 4. Typical Applications
1. **Battery Powered Instrumentation:** Due to the low current draw.
2. **ADC Drivers:** Buffering signals for high-speed converters.
3. **Video Electronics:** Used in professional cameras or video switchers because of its bandwidth and gain flatness.
4. **Active Filters:** Designing high-frequency filters with minimal component footprint.
---
### 5. Simple Application Circuit Example
In a standard non-inverting configuration, the gain ($A_v$) is determined by external resistors.
```markdown
V_in ----(+) |\
| \
(-)----| >---- V_out
| | /
| |/
|
R_f --|-- R_g -- GND
```
*Note: $A_v = 1 + (R_f / R_g)$. For high-speed stability, $R_f$ is typically chosen based on the datasheet's recommended values (usually around 1 kΩ).*
- ⤷
What are the main differences between the AD8038 and the AD8039?
- ⤷ Can the AD8038AKS-R2 be used in a dual-supply configuration?
- ⤷ What are the thermal considerations for the SC70 package at high frequencies?