AD8007AKS-R2
AI

## Technical Overview of the AD8007AKS-R2
The **AD8007AKS-R2** is a high-performance, ultra-low distortion, current feedback operational amplifier (Op-Amp) manufactured by **Analog Devices**. It is specifically designed for high-speed signal processing where signal integrity is critical.
---
### 1. Key Technical Specifications
The following table summarizes the primary electronic characteristics of the AD8007:
| Feature | Specification |
| :--- | :--- |
| **Bandwidth (-3 dB)** | 650 MHz ($G = +1$) |
| **Slew Rate** | 1000 V/µs |
| **Supply Voltage Range** | 5V to 12V (Single or Dual) |
| **Quiescent Current** | 9 mA |
| **Output Current** | 50 mA |
| **Distortion (SFDR)** | -83 dBc @ 20 MHz |
| **Package Type** | SC70-5 (AKS designation) |
---
### 2. Functional Components and Architecture
The AD8007 is built using a proprietary **XFCB (Extra Fast Complementary Bipolar)** process. Its internal electronic architecture focuses on several key areas:
* **Current Feedback Topology:** Unlike standard voltage feedback op-amps, the current feedback design allows for a much higher slew rate and a bandwidth that is relatively independent of the closed-loop gain.
* **Input Stage:** Features a high-impedance non-inverting input and a low-impedance inverting input, characteristic of CFB amplifiers.
* **Output Stage:** Optimized for driving low-capacitance loads while maintaining low harmonic distortion, making it ideal for driving ADC (Analog-to-Digital Converter) inputs.
---
### 3. Pin Configuration (SC70-5 Package)
The "AKS" suffix refers to the ultra-small 5-lead SC70 package. The pinout typically follows this standard arrangement:
1. **Vout:** Output Signal.
2. **V-:** Negative Supply (or Ground in single-supply mode).
3. **+In:** Non-inverting Input.
4. **-In:** Inverting Input.
5. **V+:** Positive Supply.
---
### 4. Common Applications
Due to its high speed and low noise, this part is commonly used in:
* **Instrumentation:** High-speed test equipment and pulse amplifiers.
* **Video Electronics:** Professional video line drivers and switchers.
* **Communication:** Base station power amplifier control loops.
* **ADC Buffering:** Driving high-speed 12-bit to 16-bit ADCs.
---
### 5. Implementation Example
When designing a circuit with the AD8007, the feedback resistor ($R_f$) value is critical for stability.
```python
# Theoretical Bandwidth Calculation for CFB Op-Amps
# Note: Bandwidth is largely determined by the Feedback Resistor (Rf)
# rather than the Gain-Bandwidth Product (GBW).
rf_recommended = 499 # Typical Ohms for Gain = +2
gain = 1 + (rf_recommended / rg)
```
---
- ⤷What is the difference between the AD8007 and AD8008?
- ⤷ How does the current feedback topology affect the choice of the feedback resistor?
- ⤷ What are the thermal considerations for the SC70-5 package at high frequencies?