công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AD7452BRTZ-R2

  • AI
    ## AD7452BRTZ-R2: Overview and Technical Specifications The **AD7452BRTZ-R2** is a high-performance, low-power, 12-bit successive-approximation (SAR) Analog-to-Digital Converter (ADC). Manufactured by Analog Devices, it is specifically designed to handle fully differential inputs and operate at high speeds with minimal power consumption. --- ### Core Specifications | Feature | Specification | | :--- | :--- | | **Resolution** | 12-Bit | | **Throughput Rate** | Up to 1 MSPS (Mega Samples Per Second) | | **Input Type** | Fully Differential | | **Interface** | High-speed Serial (SPI/QSPI/MICROWIRE/DSP Compatible) | | **Supply Voltage** | 2.7 V to 5.25 V | | **Power Consumption** | ~3.3 mW (at 3V, 1 MSPS) | | **Package Type** | SOT-23-8 (Small Outline Transistor) | --- ### Key Electronic Features #### 1. Successive Approximation Register (SAR) Architecture The device uses a charge-redistribution DAC. This architecture is renowned for its accuracy and efficiency, as it does not require a pipeline delay, making it ideal for high-speed, single-shot conversions. #### 2. Fully Differential Inputs Unlike pseudo-differential ADCs, the AD7452 accepts a fully differential signal ($V_{IN+}$ and $V_{IN-}$). - **Benefit:** It provides excellent common-mode rejection (CMRR), which helps eliminate noise that affects both input lines equally. - **Input Range:** The range is defined by the reference voltage ($V_{REF}$). #### 3. Power Management The part features flexible power management modes: - **Normal Mode:** Full power for maximum sampling speed. - **Power-Down Mode:** The device can enter a sleep state between conversions to save battery life, with a typical standby current of less than 1 µA. #### 4. Serial Interface The AD7452 uses a simple 3-wire digital interface. It utilizes a clock input (SCLK) to shift data out of the serial data register, making it easy to interface with microcontrollers (MCUs) or Digital Signal Processors (DSPs). --- ### Application Use Cases * **Data Acquisition Systems:** High-speed sampling for industrial sensors. * **Medical Instrumentation:** ECG/EKG monitoring where differential signals reduce noise. * **Battery-Powered Equipment:** Due to its low power footprint and sleep modes. * **Communications:** Baseband I/Q sampling. --- ### Pin Configuration (SOT-23-8) | Pin No. | Mnemonic | Description | | :--- | :--- | :--- | | 1 | $V_{REF}$ | Reference Input for the ADC | | 2 | $V_{IN+}$ | Positive Analog Input | | 3 | $V_{IN-}$ | Negative Analog Input | | 4 | GND | Ground Reference | | 5 | CS | Chip Select (Active Low) | | 6 | SDATA | Serial Data Output | | 7 | SCLK | Serial Clock Input | | 8 | $V_{DD}$ | Power Supply Voltage |
    ✨ Follow-up Questions
    • ⤷ What is the significance of 'fully differential' inputs compared to single-ended inputs in this ADC?
    • ⤷ How does the power consumption scale with the sampling rate for the AD7452?
    • ⤷ What external components are required for the VREF pin to ensure stability?