công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AD5700BCPZ-R5

  • AI
    ## Technical Overview of the AD5700BCPZ-R5 The **AD5700BCPZ-R5** is a high-performance, single-chip **HART (Highway Addressable Remote Transducer) Modem**. It is specifically designed for industrial process control applications, enabling digital communication over standard 4 mA to 20 mA analog loops. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics: | Feature | Specification | | :--- | :--- | | **Interface** | UART (Universal Asynchronous Receiver/Transmitter) | | **Supply Voltage** | 2.0 V to 5.5 V | | **Current Consumption** | 115 µA (Receive Mode), 415 µA (Transmit Mode) | | **Clock Source** | Integrated 0.5% Precision Oscillator | | **Operating Temperature** | -40°C to +125°C | | **Package** | 24-Lead LFCSP (4mm x 4mm) | | **HART Compliance** | Fully compliant with HART Physical Layer | --- ### 2. Core Functional Components The device integrates several critical electronic blocks to minimize external component count: * **Integrated Oscillator:** Unlike many modems, this version includes an internal precision oscillator, which saves board space and reduces power consumption by eliminating the need for an external crystal. * **Modulator/Demodulator:** It uses Frequency Shift Keying (FSK) to superimpose digital signals onto the analog loop. * **Logic 1:** 1200 Hz * **Logic 0:** 2200 Hz * **Internal Band-Pass Filter:** The receiver includes a high-performance band-pass filter that suppresses noise and prevents interference from the 4-20mA DC signal. * **Receive Buffer:** Buffers incoming HART signals for reliable data extraction even in noisy industrial environments. --- ### 3. Application Circuitry (Typical Setup) When implementing the AD5700, the hardware designer typically follows this workflow: 1. **Power Supply:** Decouple the `Vcc` pin with a 0.1 µF capacitor. 2. **UART Connection:** Connect `TXD` and `RXD` pins directly to a Microcontroller (MCU). 3. **HART Interface:** Connect the `HART_OUT` and `HART_IN` pins to the 4-20mA loop through a coupling capacitor (typically 0.068 µF) to block DC voltages. ```c // Example Pseudo-code for MCU initialization void init_hart_communication() { setup_uart(1200); // HART standard baud rate pin_low(RTS_PIN); // Set to Receive mode initially enable_interrupts(); // Monitor RX for incoming HART commands } ``` --- ### 4. Advantages of the "BCPZ-R5" Variant * **Low Power:** Ideal for loop-powered applications where every microampere counts. * **Small Footprint:** The 4x4mm LFCSP package is suitable for compact field transmitters. * **Reliability:** The wide temperature range makes it robust enough for outdoor industrial sensors. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD5700 and the AD5700-1 variant?
    • ⤷ How does the coupling capacitor value affect the HART signal integrity?
    • ⤷ Can this modem be used in intrinsically safe (IS) designs?