AI

## AD5544ACPZ-1-R2: Quad, 16-Bit Current Output DAC
The **AD5544ACPZ-1-R2** is a high-precision, quad-channel, 16-bit digital-to-analog converter (DAC) manufactured by Analog Devices. It is designed for applications requiring high density and high performance in a compact footprint.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Resolution** | 16-Bit |
| **Number of Channels** | 4 (Quad) |
| **Interface** | 3-Wire Serial (SPI / QSPI / MICROWIRE / DSP Compatible) |
| **Output Type** | Current Output (Four-Quadrant Multiplying) |
| **Settling Time** | 0.5 µs |
| **Supply Voltage** | 2.7 V to 5.5 V |
| **Package** | 32-Lead LFCSP (5mm x 5mm) |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Functional Features
* **Four-Quadrant Multiplying:** This DAC can be used in applications where the reference input voltage ($V_{REF}$) is AC or DC, allowing for signal attenuation or gain control.
* **Low Power Consumption:** Designed for power-sensitive applications, typically consuming only 10 µA.
* **Reset Capability:** Includes a Power-On Reset (POR) circuit that clears the internal registers to zero-scale or mid-scale upon power-up.
* **Daisy-Chain Mode:** Multiple devices can be connected in a chain to save I/O lines on the microcontroller/FPGA.
---
### 3. Pin Configuration Overview (32-Lead LFCSP)
| Pin Name | Function |
| :--- | :--- |
| **$V_{DD}$** | Positive Supply Input (2.7V to 5.5V). |
| **VREF A-D** | Individual Reference Inputs for each of the four DACs. |
| **IOUT A-D** | Current Output terminals for each channel. |
| **RFB A-D** | Feedback Resistors for use with external I-to-V op-amps. |
| **SCLK / DIN / CS** | Serial Clock, Data Input, and Chip Select for SPI communication. |
| **LDAC** | Load DAC: Asynchronous update of all DAC outputs simultaneously. |
---
### 4. Application Areas
The AD5544 is widely used in precision instrumentation and industrial control systems:
1. **Automatic Test Equipment (ATE):** Precise voltage/current stimulus.
2. **Industrial Control:** Programmable Logic Controllers (PLCs) and actuator control.
3. **Digital Gain/Attenuation:** Adjusting signals in communication hardware.
4. **Data Acquisition Systems:** High-speed, high-resolution signal conversion.
---
### 5. Implementation Example (Pseudo-Code)
To communicate with the AD5544 via SPI, the following logic structure is typically used:
```cpp
// Example: Setting DAC A to a specific 16-bit value
void write_AD5544(uint8_t address, uint16_t data) {
digitalWrite(CS_PIN, LOW); // Select the device
// Send 4-bit address/control + 16-bit data
SPI.transfer(address & 0x0F);
SPI.transfer((data >> 8) & 0xFF); // High Byte
SPI.transfer(data & 0xFF); // Low Byte
digitalWrite(CS_PIN, HIGH); // Deselect to latch data
}
```
---
- ⤷
What is the difference between current output and voltage output DACs in this context?
- ⤷ How does the 'Four-Quadrant Multiplying' feature work in signal processing?
- ⤷ What are the recommended external operational amplifiers for the I-to-V conversion stage?