công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AD5228BUJZ50-R2

  • AI
    ## Technical Overview of AD5228BUJZ50-R2 The **AD5228BUJZ50-R2** is a compact, high-performance **32-step Up/Down Digital Potentiometer** (also known as a Digipot) manufactured by Analog Devices. It is designed to replace mechanical potentiometers in electronic circuits where space is limited and digital control is required. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 50 kΩ | | **Number of Steps** | 32 positions | | **Interface** | Simple Up/Down (Push-button compatible) | | **Supply Voltage Range** | 2.7V to 5.5V | | **Package Type** | TSOT-23-6 | | **Temperature Range** | -40°C to +105°C | | **Power Consumption** | Very Low (IDD < 1 µA) | --- ### 2. Functional Description Unlike complex I2C or SPI digital pots, the AD5228 uses a **discrete step interface**. This makes it ideal for manual control via push-buttons or simple GPIO toggling from a microcontroller. * **P1 / P2 Pins:** These pins control the direction and movement of the wiper. * **Wiper Memory:** The device powers up at **mid-scale** (position 16) by default. * **Rheostat/Potentiometer Mode:** It can be used as a 3-terminal voltage divider or a 2-terminal variable resistor. --- ### 3. Pinout Configuration (TSOT-23-6) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | **Vdd** | Positive power supply. | | 2 | **GND** | Ground. | | 3 | **PU** | Push-up: Increments the wiper position. | | 4 | **PD** | Push-down: Decrements the wiper position. | | 5 | **W** | Wiper terminal. | | 6 | **A/B** | Resistor terminals. | --- ### 4. Common Applications * **LCD Contrast Control:** Adjusting the visibility of small displays. * **Volume Control:** Low-cost audio attenuation. * **Sensor Calibration:** Fine-tuning offset or gain in analog sensors. * **Power Supply Adjustment:** Trimming output voltages in DC-DC converters. --- ### 5. Part Number Breakdown * **AD5228:** Base Model Number. * **BUJZ:** Package code (TSOT-23-6). * **50:** Nominal resistance (50 kΩ). * **R2:** Reel size/packaging (usually 7-inch reel).
    ✨ Follow-up Questions
    • ⤷ How does the 'up/down' interface compare to I2C control in digital potentiometers?
    • ⤷ Can the AD5228 remember its last wiper position after power-off?
    • ⤷ What is the maximum current allowed through the wiper terminal?