công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AD5227BUJZ100-R2

  • AI
    The **AD5227BUJZ100-R2** is a compact, high-resolution digital potentiometer (digipot) manufactured by Analog Devices. It is designed to replace mechanical potentiometers in circuits requiring precise, automated, or remote adjustments. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Resistance** | 100 kΩ | | **Resolution** | 64 Steps (6-bit) | | **Interface** | Up/Down Control (Push-button or Pulse) | | **Supply Voltage** | 2.7 V to 5.5 V | | **Package** | TSOT-23-6 (Thin SOT) | | **Temperature Range** | -40°C to +105°C | --- ### 2. Core Functional Components The device consists of three primary internal sections: #### A. The Resistor Ladder The 100 kΩ total resistance is divided into 64 equal segments. Each "step" represents a specific resistance value (approximately 1.56 kΩ per step). #### B. The Digital Control Logic Unlike I2C or SPI potentiometers, this chip uses a simple **Up/Down interface**: * **CS (Chip Select):** Activates the device. * **CLK (Clock):** Triggers a step change. * **U/D (Up/Down):** Determines if the resistance increases or decreases. #### C. The Wiper (Electronic Switch) The "wiper" is an internal CMOS switch that connects to one of the 64 points on the resistor ladder. It mimics the center terminal of a physical potentiometer. --- ### 3. Pin Configuration | Pin No. | Name | Description | |:---:|:---|:---| | 1 | **CLK** | Clock Input (increments/decrements on the falling edge). | | 2 | **GND** | Ground. | | 3 | **U/D** | Up/Down Control (High = Up, Low = Down). | | 4 | **A** | Terminal A (High-side of resistor). | | 5 | **W** | Wiper (The adjustable output). | | 6 | **VDD** | Power Supply (2.7V - 5.5V). | --- ### 4. Common Use Cases * **LCD Contrast Control:** Adjusting the voltage levels for display clarity. * **Variable Gain Amplifiers:** Changing the feedback resistance in an Op-Amp circuit to control gain. * **Programmable Filters:** Tuning the cutoff frequency of analog filters. * **Mechanical Replacement:** Replacing trim-pots that are difficult to reach or prone to wear and tear. --- ### 5. Code Logic Example (Pseudo-code) To increase the resistance using a microcontroller: ```cpp digitalWrite(UD_PIN, HIGH); // Set direction to 'Up' digitalWrite(CS_PIN, LOW); // Select the chip for(int i=0; i < 10; i++) { digitalWrite(CLK_PIN, LOW); // Pulse the clock delayMicroseconds(1); digitalWrite(CLK_PIN, HIGH); } digitalWrite(CS_PIN, HIGH); // Deselect and save position ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between volatile and non-volatile memory in digital potentiometers?
    • ⤷ How do I calculate the output voltage at the wiper pin?
    • ⤷ Can this device be used in high-voltage AC applications?