công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AD5227BUJZ10-R2

  • AI
    ## Overview: AD5227BUJZ10-R2 The **AD5227BUJZ10-R2** is a compact, high-resolution digital potentiometer (digipot) manufactured by Analog Devices. It is designed to replace mechanical potentiometers and variable resistors in electronic circuits, allowing for automated, microprocessor-controlled adjustments. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Part Number** | AD5227BUJZ10-R2 | | **Resistance** | 10 kΩ | | **Resolution** | 64 Taps (6-bit) | | **Interface** | Up/Down (U/D) Control | | **Supply Voltage** | 2.7V to 5.5V | | **Package** | TSOT-23-8 | | **Operating Temp** | -40°C to +125°C | --- ### 2. Functional Components and Pinout The device functions as a three-terminal variable resistor. The resistance between the wiper (W) and the terminals (A and B) changes based on the digital input. * **Terminal A & B:** The end-to-end resistance (fixed at 10 kΩ). * **Wiper (W):** The movable contact point that determines the output ratio. * **CS (Chip Select):** Activates the device. * **U/D (Up/Down):** Determines the direction of the resistance change. * **CLK (Clock):** Increments or decrements the wiper position on each pulse. --- ### 3. Key Advantages 1. **Compact Form Factor:** The TSOT-23 package is extremely small, making it ideal for space-constrained PCBs. 2. **Simple Interface:** Unlike I2C or SPI protocols that require complex code libraries, the Up/Down interface can be controlled with simple pulse-width signals or manual push-buttons. 3. **Power-On Reset:** The device features a power-on preset that initializes the wiper to the mid-scale position (Tap 32). 4. **Low Temperature Coefficient:** It maintains high stability (35 ppm/°C), ensuring precision across different environments. --- ### 4. Typical Applications * **Mechanical Potentiometer Replacement:** Used in volume controls or sensor calibration. * **LCD Contrast Control:** Adjusting the bias voltage for displays. * **Programmable Filters/Gains:** Working in conjunction with Op-Amps to change gain dynamically. * **Power Supply Adjustment:** Tuning output voltages in DC-DC converters. --- ### 5. Simple Implementation Example To increase the resistance between the Wiper (W) and Terminal B, the microcontroller logic would look like this: ```c // Pseudo-code for incrementing resistance digitalWrite(CS_PIN, LOW); // Select the chip digitalWrite(UD_PIN, HIGH); // Set direction to 'Up' digitalWrite(CLK_PIN, HIGH); // Pulse the clock delay(1); digitalWrite(CLK_PIN, LOW); digitalWrite(CS_PIN, HIGH); // Deselect chip to save state ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 10k
    • ⤷ 50k
    • ⤷ and 100k versions of this IC?
    • ⤷ Can this device be used in an AC signal path?
    • ⤷ How does the power-on reset behavior affect system startup?