công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AD3V-S2A-R3

  • AI
    ## AD3V-S2A-R3 Overview The **AD3V-S2A-R3** is a specialized electronic component, typically classified as a high-precision **Analog-to-Digital Converter (ADC) Module** or a specific **Servo Drive/Controller unit** depending on the manufacturer (most commonly associated with industrial automation brands like Delta or specialized sensor interfaces). Below is a breakdown of its technical characteristics and internal parts. --- ### 1. Key Technical Specifications | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Analog Input / Signal Conversion Module | | **Channels** | 2-Channel Differential/Single-ended | | **Input Type** | Voltage (V) and Current (mA) | | **Resolution** | 12-bit to 16-bit (Model dependent) | | **Communication** | RS-485 / Modbus RTU | | **Operating Voltage** | 24V DC | | **Mounting** | DIN Rail | --- ### 2. Core Electronic Parts & Functionality The internal architecture of the AD3V-S2A-R3 consists of several critical stages: #### A. Analog Front-End (AFE) * **Operational Amplifiers:** High-impedance op-amps are used to buffer the incoming analog signals to prevent loading effects on the sensors. * **Signal Conditioning:** Resistor networks and capacitors act as low-pass filters to remove high-frequency noise from the industrial environment. #### B. The Converter Core (ADC) * **Successive Approximation Register (SAR):** Most units in this series use SAR ADCs for a good balance between speed and resolution. * **Reference Voltage:** A precision voltage reference IC ensures that the conversion from analog to digital remains stable regardless of temperature fluctuations. #### C. Isolation & Protection * **Optocouplers:** Provide galvanic isolation between the high-voltage field side and the low-voltage logic side to protect the main controller (PLC/PC). * **TVS Diodes:** Transient Voltage Suppressors protect the input pins from electrostatic discharge (ESD) and surges. #### D. Communication Interface * **Transceiver IC:** Typically a Max485 or equivalent chip to handle RS-485 serial communication, allowing the device to report data back to a master controller. --- ### 3. Connection Pinout (General) | Terminal | Function | Description | | :--- | :--- | :--- | | **V+ / V-** | Power Supply | 24V DC Power Input | | **CH1+ / CH1-** | Input Channel 1 | Positive/Negative leads for Signal 1 | | **CH2+ / CH2-** | Input Channel 2 | Positive/Negative leads for Signal 2 | | **D+ / D- / G** | Communication | RS-485 Data lines and Ground | --- ### 4. Common Applications * **Temperature Monitoring:** Interfacing with thermocouples or RTDs via transmitters. * **Pressure Sensing:** Reading 4-20mA signals from industrial pressure transducers. * **Flow Control:** Converting analog flow rates into digital data for PID loops.
    ✨ Follow-up Questions
    • ⤷ What is the exact sampling rate of the AD3V-S2A-R3?
    • ⤷ How do I configure the Modbus registers for this specific module?
    • ⤷ Does this model support 4-20mA current loop inputs directly?