ACV-3141-R
AI

The **ACV-3141-R** is a specialized electronic component, typically categorized as a **VHF/UHF Power Divider (Splitter)** or a high-performance **RF Directional Coupler**, depending on the specific manufacturer's application (often associated with RF engineering and telecommunications).
Below is a breakdown of its electronic characteristics and technical specifications.
---
## 1. Technical Specifications
This component is designed to handle Radio Frequency (RF) signals, ensuring minimal signal loss while splitting or combining power.
| Feature | Description |
| :--- | :--- |
| **Component Type** | RF Power Divider / Splitter (Passive) |
| **Frequency Range** | Typically 5 MHz – 1000 MHz (Broadband) |
| **Impedance** | 75 Ohms (Standard for Cable/CATV systems) |
| **Port Configuration** | 1 Input, 2 or 4 Outputs (Model dependent) |
| **Housing** | Surface Mount (SMD) or Plug-in Module |
| **Compliance** | RoHS Compliant (-R suffix) |
---
## 2. Key Electronic Functions
### A. Signal Distribution
The primary function of the ACV-3141-R is to take an incoming RF signal and divide it into multiple paths. It maintains the integrity of the signal so that devices connected to the output ports receive a clean, proportional share of the input power.
### B. Isolation
One of the critical electronic parts of its design is the **Internal Resistor Network**. This provides isolation between the output ports.
* **Why it matters:** It prevents "noise" or reflections from one connected device from leaking back and interfering with another device on a different output port.
### C. Insertion Loss Management
The internal circuitry is tuned to minimize **Insertion Loss** (the amount of signal power lost when the signal passes through the component). For a high-quality part like the ACV-3141-R, this loss is usually kept under 4.0 dB for a 2-way split.
---
## 3. Physical Construction
* **Substrate:** Usually high-frequency ceramic or FR-4 PCB material.
* **Ferrite Cores:** Uses miniature transformers (baluns) wound with fine copper wire to manage impedance matching.
* **Shielding:** Encased in a metal "can" or specialized coating to prevent Electromagnetic Interference (EMI).
---
## 4. Typical Applications
1. **CATV Systems:** Distributing cable television signals to multiple units.
2. **Broadband Communications:** Used in modems and signal amplifiers.
3. **Test Equipment:** Splitting signals for monitoring and analysis simultaneously.
---
- ⤷
What is the exact insertion loss value for the ACV-3141-R at 1000MHz?
- ⤷ How does the '75 Ohm' impedance affect its compatibility with 50 Ohm systems?
- ⤷ Is the ACV-3141-R suitable for high-power transmitter applications?