công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ACV-16112-R

  • AI
    The **ACV-16112-R** is a specific model of an **Electromagnetic Valve** (often referred to as a Solenoid Valve), typically used in HVAC systems, industrial automation, or fluid control applications. Below is an explanation of its electronic and mechanical components. --- ### 1. Key Technical Specifications While specific manufacturer datasheets may vary slightly, the ACV series generally follows these parameters: | Component / Feature | Description | | :--- | :--- | | **Part Number** | ACV-16112-R | | **Component Type** | Solenoid Valve (Electromagnetic) | | **Voltage Rating** | Typically 12V DC or 24V DC (Model dependent) | | **Action Type** | Normally Closed (NC) or Normally Open (NO) | | **Connection Type** | Threaded or Push-fit | | **Material** | Often Brass or Engineering Plastic | --- ### 2. Electronic & Electromechanical Parts The ACV-16112-R functions through the interaction of several internal electronic and physical parts: #### A. The Solenoid Coil The "electronic" heart of the unit. It consists of tightly wound copper wire. When an electrical current passes through this coil, it generates a magnetic field. * **Input:** Electrical Energy (Voltage/Current). * **Output:** Magnetic Flux. #### B. The Plunger (Armature) A movable ferromagnetic rod located inside the coil. When the coil is energized, the magnetic field pulls the plunger upward or downward. #### C. The Return Spring A mechanical component that works in tandem with the electronics. When power is cut to the coil, the spring pushes the plunger back to its "resting" state, closing or opening the valve. #### D. Terminals / Wiring Harness The electrical interface where the control signal (from a PLC, microcontroller, or switch) is connected. In the "-R" suffix models, this often refers to a specific connector orientation or lead wire type. --- ### 3. How the "Electronic Control" Works The ACV-16112-R operates as a binary switch for fluid/air flow: 1. **State 0 (Off):** No current flows through the coil. The spring holds the plunger in place, blocking the flow. 2. **State 1 (On):** Control voltage is applied. The coil creates a magnetic field, lifting the plunger. The valve opens, allowing the medium to pass. --- ### 4. Application Environments * **Water Control:** Irrigation systems or water dispensers. * **HVAC:** Control of refrigerant or air flow. * **Automotive:** Vacuum or fuel line management.
    ✨ Follow-up Questions
    • ⤷ What is the specific operating voltage for the ACV-16112-R model?
    • ⤷ How do I test the solenoid coil for continuity using a multimeter?
    • ⤷ What does the '-R' suffix signify in this part number?