AI

The **ACU370-64G-RGD** is a high-performance, ruggedized embedded computing module, typically part of the **AcuEdge** or specialized industrial series. It is designed for edge computing, AI inference, and harsh environmental deployments.
Below is a breakdown of its electronic components and technical specifications.
---
### 1. Core Technical Specifications
The "64G" in the model name usually refers to the system memory (RAM) capacity, while "RGD" denotes the Ruggedized hardware profile.
| Component | Specification Details |
| :--- | :--- |
| **Processor Support** | Typically supports Intel Core i7/i9 or Xeon Scalable processors (depending on carrier board). |
| **Memory (RAM)** | 64GB DDR4/DDR5 (ECC supported in RGD variants). |
| **Storage** | Integrated NVMe SSD support + SATA III interfaces. |
| **Form Factor** | COM Express, VPX, or proprietary stackable rugged module. |
| **Operating Temp** | -40°C to +85°C (Extended Industrial Range). |
---
### 2. Key Electronic Systems
#### A. Power Management (PMIC)
The RGD (Rugged) version utilizes **Industrial-grade Power Management Integrated Circuits**. Unlike commercial parts, these are designed to handle:
* **Wide Input Voltage:** Often supports 9V to 36V DC.
* **Transient Protection:** Protection against voltage spikes and electromagnetic interference (EMI).
#### B. Thermal Management
Since this is a ruggedized part, the electronic layout is optimized for **Conduction Cooling**.
* **Heat Spreaders:** Thick copper or aluminum plates integrated into the PCB design.
* **Underfill:** Large BGA (Ball Grid Array) components like the CPU and RAM often feature underfill (a specialized epoxy) to prevent solder joint cracking due to thermal expansion or vibration.
#### C. Connectivity and I/O
The module interfaces with a carrier board via high-density connectors, providing:
* **PCIe Gen 4/5:** For high-speed data transfer to GPUs or FPGAs.
* **Ethernet:** Dual 10GbE or 1GbE controllers (Intel i210/i225 series).
* **USB/Serial:** USB 3.2 and RS-232/422/485 for legacy industrial sensor integration.
---
### 3. Ruggedization Features (The "RGD" Suffix)
The electronic assembly follows specific standards to ensure reliability in extreme conditions:
1. **Conformal Coating:** The PCB is coated with a thin polymeric film to protect components against moisture, dust, and chemicals.
2. **Shock & Vibration:** Rated according to **MIL-STD-810G** standards.
3. **ECC Memory:** Error Correction Code RAM is used to prevent data corruption caused by ionizing radiation or atmospheric interference at high altitudes.
---
### 4. Typical Applications
```python
# Conceptualizing the deployment of an ACU370-64G-RGD
deployment_scenarios = {
"Defense": "Real-time signal processing in UAVs",
"Industrial": "AI-driven quality control in high-temp factories",
"Transport": "Autonomous rail signaling and obstacle detection",
"Energy": "Substation automation and grid monitoring"
}
```
- ⤷
What is the specific power consumption (TDP) for the ACU370-64G-RGD?
- ⤷ Does this module support hardware-based encryption like TPM 2.0?
- ⤷ Which carrier boards are compatible with the ACU370 series?