công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ACTA-523-R

  • AI
    The **ACTA-523-R** is a specific model of an AC Current Transducer (often used in industrial automation and power monitoring). Below is a breakdown of its electronic components, technical specifications, and functional operation. --- ## 1. Technical Overview The ACTA-523-R is designed to monitor AC current and convert it into a standardized analog signal (typically for PLC or SCADA input). The "-R" suffix usually denotes a specific output range or a RMS (Root Mean Square) conversion feature. ### Key Specifications | Feature | Description | | :--- | :--- | | **Input Type** | AC Current (Sinusoidal) | | **Output Signal** | 4-20 mA DC (Typical for -R models) | | **Response Time** | < 250ms | | **Accuracy** | ±0.5% Full Scale | | **Isolation** | Input/Output/Power isolation (typically 2kV) | | **Mounting** | 35mm DIN Rail | --- ## 2. Core Electronic Components The internal circuitry of the ACTA-523-R consists of four main functional blocks: ### A. Sensing Element (Current Transformer) At the input, the device contains a miniature **Current Transformer (CT)**. This provides galvanic isolation between the high-voltage AC line and the low-voltage processing electronics. ### B. Signal Conditioning & RMS Converter The "R" in the model name signifies **True RMS conversion**. * **Precision Rectifiers:** Converts the AC waveform into a DC representation. * **RMS-to-DC Converter IC:** Unlike standard average-responding sensors, this chip calculates the true heating value of the AC wave, allowing for accurate readings even if the waveform is distorted (harmonics). ### C. Isolation Barrier To protect the connected PLC or controller, the device uses **Optical Isolators (Optocouplers)** or magnetic coupling to separate the measurement side from the output side. ### D. Output Driver (4-20mA Loop) The final stage is a current-loop driver. It regulates the current flowing through the output terminals based on the measured input, ensuring the signal remains accurate even over long cable distances. --- ## 3. Wiring Configuration The device typically features a 3-way or 4-way terminal block. ```text Terminal Layout (Typical): 1. [ + ] Input (AC Current) 2. [ - ] Input (AC Current) 3. [ + ] Output (4-20mA) 4. [ - ] Output (4-20mA) 5. [ + ] Power Supply (24V DC) 6. [ - ] Power Supply (GND) ``` --- ## 4. Applications * **Motor Load Monitoring:** Detecting if a motor is over-loaded or under-loaded (e.g., a broken belt). * **Heating Elements:** Monitoring current to detect failed heater banks. * **Interface for PLCs:** Converting high-voltage AC data into a safe 4-20mA signal for analog input modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an Average-responding and a True RMS transducer?
    • ⤷ How do I calibrate the 4-20mA output on the ACTA-523-R?
    • ⤷ What is the maximum input current rating for this specific model?