công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ACT-26.000MHZ-R-S

  • AI
    ## Analysis of the ACT-26.000MHZ-R-S Component The **ACT-26.000MHZ-R-S** is a specialized electronic timing component, specifically a **Quartz Crystal Resonator**. It is designed to provide a precise frequency reference for microprocessors, wireless modules, and digital circuits. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by manufacturers (typically **Advanced Crystal Technology**). Below are the primary specifications: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Nominal Frequency** | 26.000 MHz | The base vibration frequency. | | **Component Type** | Crystal Resonator | Passive component (requires an external oscillator circuit). | | **Tolerance** | Usually $\pm$10ppm to $\pm$30ppm | The deviation from the nominal frequency at 25°C. | | **Load Capacitance** | Typically 8pF to 20pF | The specific circuit capacitance required for stability. | | **Mounting Type** | Surface Mount (SMD) | Designed for automated PCB assembly. | | **Package Style** | Metal Seam Weld / Ceramic | Typically a small 4-pad or 2-pad SMD package. | --- ### 2. Part Number Breakdown While manufacturer codes vary slightly, the suffix codes typically represent the following: * **ACT**: The Manufacturer prefix (Advanced Crystal Technology). * **26.000MHZ**: The fundamental operating frequency. * **R**: Often denotes the specific package series or "RoHS Compliant" status. * **S**: Frequently indicates "Surface Mount" or a specific stability/temperature grade. --- ### 3. Key Electronic Functions The ACT-26.000MHZ-R-S performs three critical roles in a circuit: 1. **Clock Generation:** It acts as the "heartbeat" for microcontrollers (MCUs), ensuring instructions are executed at a consistent speed. 2. **Frequency Synthesis:** In RF applications (Bluetooth, Wi-Fi), it provides the base frequency that is later multiplied to reach GHz ranges. 3. **Timing Accuracy:** It minimizes "drift" in communication protocols, preventing data corruption between two devices. --- ### 4. Common Applications Due to the **26 MHz** frequency being a standard reference for many wireless chipsets, this part is commonly found in: * **IoT Devices:** Low-power wide-area network (LPWAN) modules. * **GPS/GNSS Receivers:** Providing the reference for satellite signal locking. * **Bluetooth Low Energy (BLE):** Many BLE chips require a 26MHz or 32MHz external crystal. * **Wearables:** Smartwatches and fitness trackers where space-saving (SMD) is critical. --- ### 5. Schematic Symbol and Circuitry In a standard PCB layout, the crystal is connected to the `XTAL_IN` and `XTAL_OUT` pins of an IC, supported by two load capacitors ($C_1$ and $C_2$) grounded to the plane. ```mermaid graph LR A[IC XTAL_IN] --- B(Crystal) B --- C[IC XTAL_OUT] B --- D[Load Cap 1] B --- E[Load Cap 2] D --- G[GND] E --- G ```
    ✨ Follow-up Questions
    • ⤷ What is the standard load capacitance for this specific 26MHz crystal?
    • ⤷ Can this crystal be used as a direct replacement for a 26MHz TCXO?
    • ⤷ What are the soldering temperature profiles recommended for this SMD package?