công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ACE1V2012-102-R

  • AI
    The **ACE1V2012-102-R** is a specific electronic component commonly used in power management and signal integrity circuits. Based on its nomenclature and common industry standards, it is a **Multilayer Chip Ferrite Bead (Common Mode Filter)**. --- ### 1. General Specifications The part number can be broken down to understand its physical and electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | Common Mode Choke/Filter | Designed to suppress EMI/RFI noise. | | **Package Size** | 2012 (Metric) / 0805 (Inch) | Dimensions: 2.0mm x 1.25mm. | | **Impedance** | 1000 $\Omega$ (Typical) | The "102" represents $10 \times 10^2$. | | **Test Frequency** | 100 MHz | Standard frequency for impedance rating. | | **Rated Current** | ~200mA - 400mA | Varies slightly by manufacturer (e.g., Allied, ACX). | | **DC Resistance** | ~0.3 - 0.5 $\Omega$ | Maximum internal resistance (DCR). | --- ### 2. Key Internal Components The construction of this part involves several specialized materials and layers: 1. **Ferrite Core Material:** A magnetic ceramic material (usually Nickel-Zinc or Manganese-Zinc) that provides high permeability for noise absorption. 2. **Internal Electrodes:** Silver (Ag) or Copper (Cu) coils wound or printed in a multilayer structure to create the inductive effect. 3. **Termination (Pads):** The ends are typically plated with Nickel (Ni) and Tin (Sn) to ensure good solderability and prevent leaching. 4. **Glass/Ceramic Coating:** A protective outer layer to provide environmental insulation and structural integrity. --- ### 3. Applications and Functionality The ACE1V2012-102-R is primarily used for **Electro-Magnetic Interference (EMI) suppression**. * **Common Mode Filtering:** It allows "Differential Signals" (wanted data) to pass through while blocking "Common Mode Noise" (unwanted interference affecting both lines). * **USB/HDMI Interfaces:** Used on data lines to prevent high-frequency noise from radiation. * **Power Lines:** Filtering noise in DC-to-DC converters or low-voltage power rails in mobile devices. * **Audio Circuits:** Reducing hiss or buzz from electromagnetic pickup in headphone or microphone lines. --- ### 4. Technical Equivalent & Alternatives If this specific part is unavailable, engineers often look for the following equivalents in the **0805 (2012)** footprint: * **Murata:** DLW21HN series * **TDK:** ACM2012 series * **Taiyo Yuden:** MC series
    ✨ Follow-up Questions
    • ⤷ What is the difference between common mode and differential mode noise in these components?
    • ⤷ How does the impedance change as the signal frequency increases?
    • ⤷ What are the soldering temperature requirements for a 2012-sized chip bead?