công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ACE1085181WM

  • AI
    The **ACE1085181WM** is a high-performance **Low Dropout (LDO) Linear Regulator**. It is designed to provide a stable, constant voltage output from a fluctuating or higher-level input voltage with high efficiency and minimal noise. ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Type** | Fixed Output | | **Output Voltage** | 1.8V | | **Maximum Output Current** | 1.0A (1000mA) | | **Dropout Voltage** | ~1.3V (at 1A) | | **Package Type** | SOT-223 | | **Operating Temperature** | -40°C to +125°C | --- ### Key Features and Electronic Characteristics #### 1. Low Dropout Performance The ACE1085 series is an improved version of the industry-standard 1117 series. It is designed to operate with a very low difference between input and output voltage, ensuring that the device remains efficient even when the input battery or power source discharges. #### 2. Built-in Protections The internal circuitry includes several fail-safes to protect the component and the connected load: * **Current Limiting:** Prevents damage during an output short-circuit or overload. * **Thermal Overload Protection:** Automatically shuts down the regulator if the junction temperature exceeds safe limits (typically around 150°C). #### 3. Stability Requirements To ensure the internal feedback loop remains stable, this part requires **Output Capacitors**. Typically, a 10µF tantalum or electrolytic capacitor is recommended at the output to prevent oscillation. --- ### Common Applications The 1.8V output is a standard rail for digital electronics, making it common in: * **Microcontrollers (MCUs):** Powering the core logic of low-power ARM chips. * **Computer Motherboards:** Localized power regulation for chipsets. * **Networking Gear:** Used in routers and switches for 1.8V logic levels. * **Battery Powered Systems:** High efficiency due to the low quiescent current. ### Pinout Configuration (SOT-223) For the fixed 1.8V version (181WM), the typical pinout is: 1. **GND/ADJ:** Ground connection. 2. **Vout:** Regulated 1.8V output (also connected to the large center tab). 3. **Vin:** Unregulated input voltage.
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage supported by the ACE1085181WM?
    • ⤷ How does the thermal resistance of the SOT-223 package affect its current handling?
    • ⤷ Can this regulator be used with ceramic capacitors instead of tantalum?