AC20-R068M-RC
AI

The **AC20-R068M-RC** is an electronic component manufactured by **Bourns**. It belongs to the category of **Common Mode Chokes** (Inductors), specifically designed for AC power line applications to suppress electromagnetic interference (EMI).
---
## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Bourns |
| **Component Type** | Common Mode Choke |
| **Inductance** | 6.8 mH |
| **Tolerance** | ±20% |
| **Rated Current** | 2.0 Amperes |
| **DCR (Max)** | 0.160 Ohms |
| **Mounting Type** | Through Hole |
| **Package / Case** | Vertical Radial (AC20 Series) |
| **RoHS Status** | Compliant (indicated by the "-RC" suffix) |
---
## Key Features
* **Noise Suppression:** It is highly effective at filtering out high-frequency common-mode noise from AC lines while allowing the desired power signal to pass.
* **High Impedance:** Provides significant impedance over a broad frequency range to prevent interference from entering or leaving a device.
* **Compact Design:** The vertical radial mounting saves board space compared to horizontal alternatives.
* **Safety Compliance:** Designed to meet standard safety requirements for power line components.
---
## Part Number Breakdown
Understanding the nomenclature helps in identifying the specific variant:
1. **AC20**: Series designation (Common Mode Choke, small form factor).
2. **R068**: Inductance value code (6.8 mH).
3. **M**: Tolerance (M = ±20%).
4. **RC**: RoHS Compliant.
---
## Typical Applications
1. **Switching Power Supplies (SMPS):** Used at the input stage to reduce EMI emissions back into the grid.
2. **LED Lighting Drivers:** Prevents flicker and noise interference in lighting circuits.
3. **Home Appliances:** Integrated into washing machines, refrigerators, and TVs to ensure electromagnetic compatibility (EMC).
4. **Industrial Controllers:** Protects sensitive logic circuits from power line surges and noise.
- ⤷
What is the difference between a common mode choke and a differential mode choke?
- ⤷ How do I calculate the required inductance for my EMI filter?
- ⤷ Are there horizontal mounting alternatives to the AC20 series?