công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AC1060R-R20_

  • AI
    Based on the technical designation, the **AC1060R-R20** typically refers to a high-current **Power Inductor** (Surface Mount Device). These components are critical in power management circuits, specifically in DC-DC converters. --- ## Technical Specifications The "R20" in the part number usually indicates the inductance value in Microhenries ($\mu H$). | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Inductance** | 0.20 $\mu H$ (R20) | | **Tolerance** | ±20% | | **Mounting Type** | SMD (Surface Mount Device) | | **Construction** | Ferrite Core / Magnetic Shielding | | **Core Material** | Composite / Metal Alloy | --- ## Key Features ### 1. High Current Handling Designed to handle high saturation currents ($I_{sat}$) without the magnetic core losing its properties. This makes it ideal for CPUs and GPUs where current spikes are common. ### 2. Low DCR (DC Resistance) The "R20" series is engineered with very low internal resistance to minimize power loss as heat, thereby increasing the overall efficiency of the power supply. ### 3. Magnetic Shielding The part is shielded to prevent **Electromagnetic Interference (EMI)**. This ensures that the high-frequency switching noise does not affect nearby sensitive components on the PCB. --- ## Common Applications 1. **Voltage Regulator Modules (VRMs):** Found on motherboards to step down voltage for processors. 2. **Graphic Cards:** Used in the power phases of high-end GPUs. 3. **Servers/Data Centers:** High-efficiency power modules. 4. **DC-DC Converters:** Buck, Boost, or Buck-Boost topologies. --- ## Equivalent Parts Reference If you are looking for replacements or datasheet comparisons, similar series include: * **Vishay:** IHLP series. * **Bourns:** SRP series. * **TDK:** SPM series.
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current (Isat) for the AC1060R-R20?
    • ⤷ How does a 0.20uH inductor compare to a 1.0uH inductor in terms of ripple current?
    • ⤷ Can you provide the physical dimensions (footprint) for the 1060 package size?