công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AC-106-R

  • AI
    Based on the specific part number **AC-106-R**, this typically refers to a **Power Entry Module (PEM)**, often manufactured by companies like **Adam Tech** or similar electronic hardware suppliers. These components are critical interfaces for connecting AC power to electronic devices. ### 1. Component Overview The AC-106-R is an **IEC 60320 C14** male inlet. It acts as the primary power input port for stationary equipment, allowing for a detachable power cord. | Specification | Typical Value | | :--- | :--- | | **Connector Type** | IEC 320 C14 (Male) | | **Current Rating** | 10A / 15A (Depending on UL/VDE standards) | | **Voltage Rating** | 250V AC | | **Mounting Style** | Snap-in or Screw-on (R version is often snap-in) | | **Termination** | Solder tabs or Quick-connect terminals | | **Material** | Thermoplastic (UL 94V-0 rated) | --- ### 2. Key Electronic Features * **Safety Compliance:** These parts are usually UL, CSA, and VDE recognized to ensure they can handle high-voltage AC without melting or sparking. * **Dielectric Strength:** Designed to withstand over 2000V AC between the terminals and the housing for 1 minute. * **Insulation Resistance:** Usually rated at 100MΩ minimum at 500V DC. * **Contact Resistance:** Low resistance (typically < 30mΩ) to prevent overheating during high current draw. --- ### 3. Connection Pinout The AC-106-R utilizes the standard three-prong configuration: 1. **Line (L):** Connects to the "Hot" wire. 2. **Neutral (N):** Connects to the return path. 3. **Ground (E/G):** Connects to the chassis of the device for safety and EMI shielding. --- ### 4. Common Applications * **Computer Power Supplies (PSUs):** The standard port on the back of a PC. * **Medical Equipment:** High-reliability power entry. * **Industrial Machinery:** Used in control panels and modular equipment. * **Consumer Electronics:** Amplifiers, studio monitors, and large appliances. --- ### 5. Part Number Suffix Breakdown The suffix **"-R"** in electronic components often signifies one of two things depending on the manufacturer: 1. **RoHS Compliant:** Indicates the part is lead-free and meets environmental standards. 2. **Right-Angle:** In some mechanical contexts, it may refer to the orientation of the terminals.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a C13 and C14 connector?
    • ⤷ How do I determine the cutout dimensions for mounting the AC-106-R?
    • ⤷ Does this component include an integrated fuse holder or switch?