AI

### ABM2-G4WRA2-R: Electronic Part Specifications
The **ABM2-G4WRA2-R** is a specific electronic component belonging to the **Quartz Crystal** family. These components are passive devices used to generate precise clock frequencies in electronic circuits.
---
### 1. General Overview
This part is manufactured by **Abracon LLC**. It is a surface-mount (SMD) crystal unit designed for high-density applications where precision and a small footprint are required.
### 2. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Quartz Crystal (Passive) |
| **Frequency** | 12.000 MHz (Typical for G4WRA series) |
| **Package / Case** | 4-SMD, No Lead (Glass Seal) |
| **Mounting Type** | Surface Mount (SMD) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Load Capacitance** | 18 pF (Standard for this suffix) |
| **Frequency Tolerance** | ±20 ppm |
| **Frequency Stability** | ±30 ppm |
| **ESR (Equivalent Series Resistance)** | 60 Ohms (Max) |
---
### 3. Key Features & Construction
* **Hermetic Sealing:** Uses a glass-to-metal seal which provides excellent long-term reliability and environmental protection.
* **Low Profile:** The ABM2 series is known for its ultra-miniature height (approx. 1.3mm), making it ideal for thin consumer electronics.
* **RoHS Compliant:** The "R" suffix typically denotes compliance with lead-free and environmental standards.
* **Aging:** Typically ±5 ppm max per year, ensuring the clock remains stable over the life of the product.
### 4. Common Applications
Due to its stability and small form factor, this part is commonly found in:
1. **Microcontrollers:** Providing the external heart-beat for MCUs (e.g., STM32, AVR).
2. **Communication Modules:** Bluetooth, ZigBee, and Wi-Fi modules requiring precise timing.
3. **Industrial Controls:** Used in PLCs and sensors operating in harsh temperature ranges.
4. **Computer Peripherals:** USB hubs, keyboards, and mouse controllers.
---
### 5. Circuit Implementation
When integrating this part, it is typically connected to the `OSC_IN` and `OSC_OUT` pins of an Integrated Circuit (IC) with two load capacitors ($C_1$ and $C_2$) connected to ground.
```c
// Example of Load Capacitance Calculation
// CL = (C1 * C2) / (C1 + C2) + Cstray
// For ABM2-G4WRA2-R (18pF), common values are C1=C2=22pF to 27pF
// (depending on PCB stray capacitance).
```
- ⤷
What is the difference between the ABM2 and ABM3 series?
- ⤷ How do I calculate the exact load capacitor values for this crystal on my PCB?
- ⤷ Can this crystal be used in automotive applications?