công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AAC-A8143-R

  • AI
    The **AAC-A8143-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. It is widely used in power management circuits, particularly in DC-DC converters for automotive and industrial electronics. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical and physical characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Inductance** | Usually indicated by the series (check datasheet for specific $\mu H$) | | **Tolerance** | $\pm 20\%$ (Typical for "R" suffix parts) | | **DC Resistance (DCR)** | Low milliohms (mΩ) to minimize power loss | | **Saturation Current** | High current handling capability | | **Operating Temp** | -40°C to +125°C (Automotive Grade) | | **Mounting Type** | SMD/SMT (Surface Mount Technology) | ### 2. Physical Construction The "AAC" series usually features a robust build designed for high-reliability environments: * **Shielded Design:** The core is enclosed in a magnetic shield to reduce Electromagnetic Interference (EMI), which is critical for sensitive nearby components. * **Molding:** Often uses a metal alloy powder or ferrite core molded around the coil for better thermal stability and physical protection. * **Terminals:** Lead-free (RoHS compliant) terminations for standard reflow soldering processes. ### 3. Key Applications Because of its high efficiency and low EMI profile, the AAC-A8143-R is commonly found in: 1. **Automotive Infotainment:** Powering displays and head units. 2. **ADAS (Advanced Driver Assistance Systems):** Providing stable voltage to sensors and cameras. 3. **LED Lighting Drivers:** Managing current for automotive headlights or industrial lighting. 4. **DC/DC Converters:** Used in "Buck" or "Boost" topologies to step voltage up or down. ### 4. Circuit Symbol and Implementation In a schematic, this part is represented by the standard inductor symbol. ```markdown L1 (AAC-A8143-R) Vin ----(UUUU)---- Vout | [CAP] | GND ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact inductance value for the AAC-A8143-R?
    • ⤷ What are the footprint dimensions for this SMD package?
    • ⤷ Is this part AEC-Q200 qualified for automotive use?