công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • A25LS512A

  • AI
    ## Technical Overview of A25LS512A The **A25LS512A** is a high-performance **512 Kbit (64 Kbyte)** Serial Flash memory device. It is designed for systems where space, pins, and power consumption are at a premium. It typically uses the **SPI (Serial Peripheral Interface)** protocol. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Density** | 512 Kbit (64K x 8 bits) | | **Interface** | SPI (Mode 0 and Mode 3) | | **Operating Voltage** | 2.7V to 3.6V (Low Power) | | **Clock Frequency** | Up to 100 MHz | | **Package Types** | 8-pin SOP, 8-pin DIP, or 8-pin USON | | **Temperature Range** | Industrial (-40°C to +85°C) | --- ### 2. Internal Architecture & Organization The memory is organized into sectors and blocks to allow for flexible erasing: * **Total Capacity:** 65,536 bytes. * **Sector Size:** 4 Kbytes (16 sectors total). * **Block Size:** 64 Kbytes (1 block total). * **Page Size:** 256 bytes (256 programmable pages). --- ### 3. Pin Configuration The A25LS512A usually follows the standard 8-pin SPI Flash pinout: | Pin Name | Type | Description | | :--- | :--- | :--- | | **CS#** | Input | Chip Select (Active Low) | | **SO (DO)** | Output | Serial Data Output | | **WP#** | Input | Write Protect (Prevents writes to status register) | | **GND** | Power | Ground | | **SI (DI)** | Input | Serial Data Input | | **SCK** | Input | Serial Clock | | **HOLD#** | Input | Pauses serial communication without deselecting | | **VCC** | Power | Supply Voltage (3.3V nominal) | --- ### 4. Operational Features 1. **High-Speed Read:** Supports standard SPI as well as Dual-Output Read modes to increase data throughput. 2. **Write Protection:** Includes software and hardware write protection features to prevent accidental data erasure. 3. **Endurance:** Typically rated for **100,000 Program/Erase cycles** per sector. 4. **Data Retention:** Greater than **20 years**, making it suitable for firmware storage. --- ### 5. Common Applications * **Firmware Storage:** Storing BIOS or boot code for microcontrollers (MCUs). * **Configuration Data:** Saving user settings or calibration parameters. * **IoT Devices:** Used in small sensors where low power consumption is critical. * **Consumer Electronics:** Hard drives, printers, and digital cameras.
    ✨ Follow-up Questions
    • ⤷ What are the specific timing requirements for the Write Cycle in the A25LS512A?
    • ⤷ How does the Dual-Output Read mode improve performance compared to standard SPI?
    • ⤷ Can you provide a basic C code example for reading a byte from this chip via SPI?