AI

The **A10705-RSCG-E** is a specific part number for a high-quality **Rotary Switch** manufactured by **C&K** (now part of Littelfuse). These switches are commonly used in industrial controls, medical equipment, and high-end consumer electronics.
Below is a detailed technical breakdown of its electronic and mechanical specifications.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | C&K (Littelfuse) |
| **Series** | A Series |
| **Number of Positions** | 7 Positions |
| **Number of Poles** | 1 Pole |
| **Contact Timing** | Shorting (Make-before-break) |
| **Angle of Throw** | 30° |
| **Contact Rating** | 2.5A @ 125VAC; 350mA @ 125VDC |
| **Mounting Type** | Through-hole (PCB Mount) |
| **Termination Style** | PC Pin (Right Angle) |
---
### 2. Key Component Features
#### A. Contact Material and Logic
* **Shorting (Make-before-break):** This is a critical electronic feature. As you turn the dial, the switch momentarily connects the new circuit before disconnecting the old one. This prevents "floating" signals or electrical noise during the transition.
* **Silver Plating:** Typically uses silver-plated contacts to ensure low contact resistance and high reliability over thousands of cycles.
#### B. Mechanical Interface
* **Actuator Type:** Flatted shaft, allowing for easy installation of standardized knobs.
* **Rotational Torque:** Designed with a tactile "detent" feel, ensuring the user can feel exactly when the switch has clicked into the next position.
#### C. Environmental & Durability
* **Life Cycle:** Usually rated for **15,000 cycles** at full load.
* **Bushing:** Features a 3/8-32 threaded bushing for secure panel mounting if required, though the "E" suffix often indicates specific epoxy sealing or lead-free compliance.
---
### 3. Part Number Breakdown (Deciphering the Code)
Understanding the nomenclature helps in identifying the exact variant:
1. **A107:** Series prefix (A Series) and basic configuration (1 Pole, 7 Positions).
2. **05:** Actuator length (standard .500" flatted shaft).
3. **RSC:** **R**ight Angle, **S**horting contacts, **C** PC Thru-hole terminals.
4. **G:** Gold over Silver contact material (provides better shelf life and reliability in low-power applications).
5. **E:** Epoxy terminal seal (prevents solder flux from entering the switch housing during manufacturing).
---
### 4. Common Applications
* **Test Equipment:** For switching between different measurement modes (Voltage, Amperage, etc.).
* **Audio Mixers:** For input source selection.
* **Industrial Panels:** To control motor speeds or machine states across 7 different stages.
---
- ⤷What is the difference between Shorting and Non-shorting contacts in rotary switches?
- ⤷ Can this switch be used in low-current digital logic circuits?
- ⤷ What are the footprint dimensions for PCB layout?