A105P3CWCQ0Q
AI

The **A105P3CWCQ0Q** is a specific part number for a sub-miniature toggle switch manufactured by **TE Connectivity (Alcoswitch)**. It is designed for PCB mounting and is often used in instrumentation and control panels.
---
### 1. Technical Specifications
Below is a breakdown of the electronic and physical characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Circuit Function** | SPDT (Single Pole Double Throw) |
| **Switch Function** | ON-OFF-ON |
| **Current Rating** | 5A @ 120VAC or 28VDC; 2A @ 250VAC |
| **Contact Plating** | Silver (Q - Contact Material) |
| **Mounting Type** | Through Hole, Right Angle |
| **Termination Style** | PC Pin |
| **Actuator Height** | 11.43 mm (.450") |
| **Operating Temperature** | -30°C to +85°C |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the exact configuration:
* **A105**: Series designation (A Series Toggle Switch, SPDT).
* **P3**: Actuator style (Flat toggle, large).
* **CW**: Bushing style (Threaded or specific splash-proof variant).
* **CQ**: Termination type (Right angle, PC pins).
* **0**: No specific additional seal.
* **Q**: Contact material (Silver, used for power applications).
---
### 3. Key Components & Materials
* **Contacts:** Silver-plated copper alloy. Silver is used because it provides excellent conductivity for power-level switching (up to 5 Amps).
* **Housing:** Glass-filled nylon (UL 94V-0), which is flame retardant.
* **Actuator:** Chrome-plated brass for durability and a professional aesthetic.
* **Support Bracket:** Tin-plated brass to ensure mechanical stability when soldered to a PCB.
---
### 4. Applications
Due to its **ON-OFF-ON** configuration and **Right Angle** orientation, this part is commonly found in:
1. **Audio Equipment:** Selecting between different input sources.
2. **Industrial Controls:** Manual override switches for machinery.
3. **Medical Devices:** Power and mode selection where a physical tactile response is required.
4. **Test/Measurement Tools:** Switching between different measurement ranges or modes.
---
- ⤷What is the difference between silver and gold contacts for this switch series?
- ⤷ Can this switch be used for low-level logic signals?
- ⤷ What is the mechanical life expectancy of the A105 series?