công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • A10503-RSCG-E

  • AI
    ## Electronic Overview: A10503-RSCG-E The **A10503-RSCG-E** is a high-precision electronic component, specifically a **Rotary Switch** manufactured by **C&K** (now part of Littelfuse). It is part of the A-Series, designed for versatility in circuit routing and signal switching. --- ### 1. Key Technical Specifications The following table highlights the primary electronic and mechanical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Circuit Configuration** | 1-Pole, 12-Position (1P12T) | | **Switch Function** | Rotary, Continuous Rotation | | **Contact Rating (AC/DC)** | 2.5A @ 125 VAC; 350mA @ 125 VDC | | **Contact Material** | Gold over Silver (indicated by "G") | | **Termination Style** | PC Pin (Through-hole mounting) | | **Actuator Type** | Flatted (1.65" / 42mm length) | | **Operating Temperature** | -30°C to +85°C | --- ### 2. Detailed Part Number Breakdown Understanding the suffix codes is essential for identifying the specific properties of this variant: * **A105**: The base series, representing a 1-pole, 12-position configuration. * **03**: Refers to the specific **Actuator Length** (1.650" flatted shaft). * **RS**: Stands for **Shorting (Make-Before-Break)** contacts. This means that during rotation, the switch momentarily connects to the next position before disconnecting from the previous one, preventing "open" circuit noise. * **CG**: * **C**: PC Mount terminals. * **G**: Gold over Silver contacts. This provides a balance between high conductivity and corrosion resistance. * **E**: Epoxy seal (helps prevent flux or contaminants from entering the base during soldering). --- ### 3. Applications and Usage Due to its multi-position nature and gold-plated contacts, the A10503-RSCG-E is commonly found in: 1. **Audio Equipment:** Used for input selection or gain stepping where low noise is required. 2. **Instrumentation:** Selecting different measurement ranges (e.g., Voltmeters or Oscilloscopes). 3. **Industrial Controls:** Mode selection for heavy machinery. 4. **Telecommunications:** Channel switching in radio or transmission hardware. --- ### 4. Mounting and Schematic The device uses a **Through-Hole** mounting pattern. The circular pin layout consists of one common terminal in the center (typically) surrounded by 12 output pins spaced at 30° intervals. ```text [Pin Layout Diagram] (12) (11) (1) (10) (2) (9) (C) (3) (8) (4) (7) (5) (6) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between 'Shorting' and 'Non-Shorting' contacts for this switch series?
    • ⤷ Can this switch be configured to have fewer than 12 positions using stops?
    • ⤷ What are the soldering recommendations for the Epoxy Sealed (E) version?