công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • A10342-RSCGF

  • AI
    The part number **A10342-RSCGF** typically refers to a specialized electronic connector assembly, often associated with high-density interconnect solutions used in automotive, industrial, or telecommunications equipment. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This component is generally categorized as a **Board-to-Board** or **Wire-to-Board** connector. The alphanumeric code defines its physical housing, contact plating, and orientation. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Connector Header / Receptacle | | **Contact Material** | Phosphor Bronze or Copper Alloy | | **Plating** | Gold Flash (GF) over Nickel | | **Pitch** | Varies by series (commonly 1.0mm to 2.54mm) | | **Mounting Type** | Surface Mount (SMT) or Through-Hole | | **Current Rating** | 1.0A - 3.0A per contact | --- ### 2. Key Electronic Features The "RSCGF" suffix provides specific information regarding the contact finish and configuration: * **RS (Right Angle / Standard):** Usually indicates a right-angle orientation for the pins, allowing for horizontal mating between PCBs. * **C (Coded/Keyed):** Suggests the housing is keyed to prevent accidental reverse polarity or incorrect mating. * **GF (Gold Flash):** This is a critical electronic specification. Gold flash is a very thin layer of gold over a nickel base. * **Function:** Provides excellent corrosion resistance. * **Conductivity:** Ensures low contact resistance for signal integrity. * **Durability:** Suitable for applications with low mating cycles. --- ### 3. Application Areas Due to the gold plating and high-reliability design, these parts are found in: 1. **Automotive Infotainment:** Connecting display modules to the main processing unit. 2. **Industrial Automation:** PLC (Programmable Logic Controller) internal board stacking. 3. **Consumer Electronics:** Internal ribbon cable interfaces for laptops or high-end appliances. --- ### 4. Technical Drawing Reference (Example) ```cpp // Typical pinout configuration for a 10-pin version of this series Pin 1: VCC (Power) Pin 2-8: Data Signals (High Speed) Pin 9: Ground (GND) Pin 10: Shield/Chassis Ground ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the A10342-RSCGF?
    • ⤷ How does Gold Flash plating compare to Selective Gold plating in terms of cost?
    • ⤷ Which mating connector is compatible with this specific part number?