công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • A10042-RSCGK

  • AI
    The **A10042-RSCGK** is a specialized high-performance integrated circuit (IC) primarily utilized in advanced power management and server-side voltage regulation. It is most commonly associated with **MPS (Monolithic Power Systems)** and is often found on high-end NVIDIA GPUs (such as the A100 or H100 series) and server motherboards. --- ### 1. Key Technical Specifications The A10042-RSCGK is a member of the Smart Power Stage (SPS) or DrMOS family, integrating high-side/low-side MOSFETs and a driver into a single package. | Feature | Specification | | :--- | :--- | | **Component Type** | Integrated Smart Power Stage (SPS) | | **Maximum Current** | Typically rated for 70A - 90A (Continuous) | | **Package Type** | QFN (Quad Flat No-lead) | | **Function** | Synchronous Buck Gate Driver + MOSFETs | | **Communication** | PWM Input with Internal Temperature & Current Sensing | --- ### 2. Core Functional Components This IC combines several discrete electronic parts into one silicon die to improve efficiency and reduce PCB footprint: 1. **High-Side MOSFET:** Handles the initial voltage step-down from the input rail (usually 12V). 2. **Low-Side MOSFET:** Optimized for low "On-Resistance" ($R_{DS(on)}$) to minimize conduction losses during the freewheeling phase. 3. **Synchronous Driver:** Controls the switching timing (dead-time) between the two MOSFETs to prevent "shoot-through" (short circuits). 4. **Current/Temp Sensing:** Provides real-time analog or digital feedback (IMON/TMON) to the PWM controller for precise power balancing. --- ### 3. Application Context The A10042-RSCGK is critical in **Multi-Phase Voltage Regulator Modules (VRMs)**. Because modern AI processors require hundreds of Amperes at very low voltages (0.8V - 1.2V), multiple A10042 units are used in parallel. #### Typical Circuit Workflow: ```mermaid graph LR PWM_Controller -->|PWM Signal| A10042_RSCGK A10042_RSCGK -->|High Current Output| Inductor Inductor -->|Filtered DC| GPU_Core A10042_RSCGK -.->|Current/Temp Feedback| PWM_Controller ``` --- ### 4. Why it is used in Data Centers * **High Power Density:** Replaces 3-4 discrete components with one small chip. * **Efficiency:** Features extremely low switching losses, essential for 24/7 server operations. * **Accuracy:** Integrated current sensing is much more accurate than traditional DCR (Inductor) sensing, allowing for better "Auto-Phase" shedding to save power at low loads.
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternatives to the A10042-RSCGK for GPU repair?
    • ⤷ How does the current sensing mechanism in this IC differ from traditional DCR sensing?
    • ⤷ What are the common failure symptoms of a Power Stage IC in a server environment?