công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • A-MCSSP60070-Y-R

  • AI
    ### Analysis of Part Number: A-MCSSP60070-Y-R Based on standard industry nomenclature for interconnect components (specifically ASSMANN WSW and similar modular cable manufacturers), the part **A-MCSSP60070-Y-R** identifies a specific **Modular Patch Cable**. Below is the breakdown of the electronic and mechanical specifications: --- ### 1. Part Number Decoder | Segment | Meaning | Specification | | :--- | :--- | :--- | | **A-MCSSP** | Series Type | Modular Cable, Shielded, Twisted Pair (SF/UTP or FTP) | | **60070** | Length | 0.7 Meters (approx. 2.3 feet) | | **Y** | Color Code | Yellow | | **R** | Compliance/Packaging | RoHS Compliant | --- ### 2. Technical Specifications #### Electrical Characteristics * **Category:** Typically Category 5e (Cat5e) or Category 6, depending on the specific production batch, designed for high-speed data transmission up to 100/1000 Mbps. * **Shielding:** The "S" designation indicates a shielded construction. This protects the internal copper pairs from **Electromagnetic Interference (EMI)** and **Radio Frequency Interference (RFI)**, making it suitable for industrial environments or high-density server racks. * **Wire Gauge:** Usually 26 AWG or 27 AWG stranded copper. #### Physical & Mechanical * **Connectors:** 2x RJ45 (8P8C) plugs. * **Contact Plating:** Gold plating (typically 3µ" to 50µ") on the contact pins to prevent oxidation and ensure stable signal integrity. * **Jacket Material:** PVC (Polyvinyl Chloride) or LSZH (Low Smoke Zero Halogen). * **Molding:** Snagless boot design to protect the RJ45 locking tab during installation. --- ### 3. Usage Context This specific part is used in networking infrastructure where high visibility (Yellow color) is required for cable management or specific circuit identification (e.g., separating internal LAN from WAN). Because it is **shielded**, it must be used with shielded jacks and grounded equipment to be effective. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between this shielded (S) version and an unshielded (U) version?
    • ⤷ Does this specific part support Power over Ethernet (PoE)?
    • ⤷ What are the grounding requirements for shielded RJ45 cables?