A-MCSP-80100-R
AI

### A-MCSP-80100-R: Modular Plug Technical Overview
The **A-MCSP-80100-R** is a specific modular connector manufactured by **ASSMANN WSW Components**. It is primarily used in telecommunications and networking for terminating Ethernet cables.
---
### 1. General Specifications
This part is a standard 8P8C (8 Positions, 8 Contacts) connector, commonly referred to as an **RJ45 plug**.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | RJ45 (Modular Plug) |
| **Gender** | Male (Plug) |
| **Number of Positions** | 8 |
| **Number of Contacts** | 8 |
| **Shielding** | Unshielded (UTP) |
| **Cable Type** | Round Cable |
| **Mounting Type** | IDC (Insulation Displacement Connector) / Crimp |
---
### 2. Materials and Construction
The electronic reliability of the connector is determined by the quality of the contact plating and the housing material.
* **Housing Material:** Clear Polycarbonate (UL 94V-2 or 94V-0 rated).
* **Contact Material:** Phosphor Bronze.
* **Contact Plating:** Gold plating over Nickel (usually 6μ" to 50μ" depending on the specific batch, though standard is often 6μ" for this series).
* **Blade Type:** Usually 3-prong blades, making them compatible with both **Solid** and **Stranded** wire.
---
### 3. Electrical Characteristics
These parts are designed to handle low-voltage data signals.
* **Current Rating:** 1.5 Amps.
* **Voltage Rating:** 125 Volts AC.
* **Insulation Resistance:** 500 MΩ minimum.
* **Contact Resistance:** 20 mΩ maximum.
* **Dielectric Withstanding Voltage:** 1000V AC (RMS).
---
### 4. Application and Usage
The "R" suffix typically denotes compliance with **RoHS** (Restriction of Hazardous Substances) standards.
* **Wiring Standards:** Supports T568A and T568B wiring schemes.
* **Category Rating:** Typically rated for **Cat5e** applications.
* **Tools Required:** Standard RJ45 crimping tool.
---
### 5. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **A** | Assmann WSW Components |
| **MCSP** | Modular Connector Series Plug |
| **80** | 8 Positions |
| **100** | 8 Contacts |
| **R** | RoHS Compliant |
---
- ⤷
What is the difference between this unshielded plug and a shielded version (A-MCS-S)?
- ⤷ Does this plug support Cat6 data speeds?
- ⤷ What is the recommended wire gauge (AWG) for the A-MCSP-80100-R?