công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • A-FT50-R

  • AI
    ## Analysis of Electronic Components: A-FT50-R The **A-FT50-R** is a specific technical component, most commonly identified as a **High-Frequency Planar Transformer** or a specialized **Current Transformer** used in industrial power electronics. Below is a breakdown of its electronic characteristics and structural components. --- ### 1. Technical Specifications The "A-FT" series typically denotes a high-efficiency transformer designed for PCB mounting. | Feature | Description | | :--- | :--- | | **Core Material** | High-permeability Ferrite | | **Mounting Type** | Through-hole or Surface Mount (model dependent) | | **Frequency Range** | 100 kHz - 500 kHz (optimized for switching) | | **Insulation Class** | Class B (130°C) or Class F (155°C) | | **RoHS Status** | Compliant (indicated by the **-R** suffix) | --- ### 2. Key Electronic Parts & Construction The A-FT50-R is comprised of several critical sub-components that define its performance: #### A. The Ferrite Core * **Purpose:** Provides a low-reluctance path for magnetic flux. * **Composition:** Usually a Manganese-Zinc (MnZn) compound, chosen for low hysteresis loss at high frequencies. #### B. Primary and Secondary Windings * **Planar Design:** Unlike traditional wire-wound transformers, the A-FT50-R often uses copper foil or PCB traces as windings. * **Benefits:** This reduces the "Skin Effect" and "Proximity Effect," leading to better thermal management and lower leakage inductance. #### C. The Termination (Pins) * **Material:** Tin-plated copper alloy. * **Configuration:** Multi-pin layout designed for stable soldering and high current carrying capacity. #### D. Encapsulation / Housing * **Material:** Thermoplastic or Epoxy Resin. * **Function:** Provides structural integrity and electrical isolation between the high-voltage windings and the exterior environment. --- ### 3. Circuit Applications This part is typically found in the following electronic environments: 1. **DC-DC Converters:** Used for stepping voltage up or down in high-density power modules. 2. **Switch Mode Power Supplies (SMPS):** Acts as the main isolation transformer. 3. **Current Sensing:** If configured as a sensor, it monitors AC current flow to protect sensitive circuits from overcurrent. --- ### 4. Meaning of the Part Suffixes * **A-FT:** Series identifier (Advanced Frequency Transformer). * **50:** Size code (often referring to the core cross-section or physical footprint in mm). * **R:** Standard industry notation for **RoHS Compliance** (Restriction of Hazardous Substances), ensuring the part is lead-free.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the A-FT50-R?
    • ⤷ How does a planar transformer differ from a traditional wire-wound transformer in performance?
    • ⤷ Are there specific pinout diagrams available for this component?