A-DSF25LPIII-FP-R
AI

## Electronic Overview: A-DSF25LPIII-FP-R
The **A-DSF25LPIII-FP-R** is a specific part number typically associated with high-density D-Subminiature connectors manufactured by **Assmann WSW Components**. It is designed for PCB mounting and high-reliability signal transmission.
---
### Technical Specifications
Below are the primary electronic and mechanical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | D-Subminiature (High Density) |
| **Number of Positions** | 25 Pins |
| **Gender** | Female (Socket) |
| **Contact Type** | Stamped & Formed |
| **Mounting Type** | Right Angle, Through-Hole (PCB) |
| **Plating** | Flash Gold (over Nickel) |
| **Operating Voltage** | 250V AC/DC |
| **Current Rating** | 3A per contact |
| **Housing Material** | Thermoplastic (UL94V-0 rated) |
---
### Component Breakdown
#### 1. Pin Configuration (25-Pin Female)
The "DSF25" indicates a 25-pin density. In the standard D-Sub footprint, this provides high-density signal routing in a relatively small form factor. The female socket is designed to receive male pins from a mating cable or peripheral.
#### 2. Mounting Geometry (Right Angle)
The **FP-R** suffix denotes a **Right Angle** orientation. This means the connector sits at a 90-degree angle relative to the PCB. This is the industry standard for "Edge Connectors" found on the back of computers, industrial controllers, and networking equipment.
#### 3. Material and Conductivity
* **Gold Flash:** The contacts are coated with a thin layer of gold. This prevents oxidation and ensures low contact resistance over the lifespan of the device.
* **Steel Shell:** Usually features a tin-plated steel shell for EMI/RFI shielding, providing a ground path to the chassis.
#### 4. Hardware/Fixing
The **"III"** in the sequence often refers to specific mounting hardware, such as threaded inserts or board locks (riveted or screw-on), allowing the connector to be securely bolted to a panel or the PCB to resist mechanical stress during plugging/unplugging.
---
### Common Applications
* **Industrial Automation:** Connecting PLCs to sensors or HMI displays.
* **Telecommunications:** Signal routing in rack-mounted hardware.
* **Computer Peripherals:** Legacy video (VGA-style high density) or serial communication ports.
* **Medical Equipment:** Reliable data acquisition interfaces.
- ⤷
What is the exact footprint dimensions for the PCB layout of this connector?
- ⤷ How does 'Gold Flash' plating compare to '30u Gold' in terms of durability?
- ⤷ Are there alternative versions with different mounting hardware like hex bolts?