A-DFF25LPIII-FP-R
AI

## Technical Overview: A-DFF25LPIII-FP-R
The **A-DFF25LPIII-FP-R** is a specific variant of a **D-Subminiature (D-Sub)** connector. Based on standard industry nomenclature (specifically referencing Assmann WSW Components naming conventions), this part is a high-density, low-profile female connector designed for PCB mounting.
---
### 1. Key Technical Specifications
| Feature | Specification Details |
| :--- | :--- |
| **Connector Type** | D-Subminiature |
| **Gender** | Female (Socket) |
| **Number of Positions** | 25 Pins |
| **Mounting Type** | Through-Hole, Right Angle |
| **Profile** | Low Profile (LP) |
| **Contact Plating** | Flash Gold (or Selective Gold) |
| **Shell Material** | Tin-plated Steel |
| **Orientation** | Horizontal (Right Angle to PCB) |
---
### 2. Part Number Breakdown
Understanding the suffix and prefix helps identify the specific electronic characteristics:
* **A**: Usually denotes the manufacturer series (Assmann).
* **DFF**: **D**-Sub, **F**emale, **F**ront Riveted (or specific footprint style).
* **25**: The pin count (standard 25-pin density).
* **LP**: **L**ow **P**rofile. This reduces the physical height of the connector on the PCB, saving vertical space in tight enclosures.
* **III**: Design generation or specific mounting hole spacing/offset.
* **FP**: **F**ull **P**lastic or **F**astener **P**in (often refers to the mounting hardware/threaded inserts).
* **R**: **R**oHS Compliant.
---
### 3. Electronic & Mechanical Characteristics
#### A. Electrical Performance
* **Current Rating:** Typically 1A to 3A per contact.
* **Dielectric Withstanding Voltage:** Usually 500V AC to 1000V AC for 1 minute.
* **Insulation Resistance:** $\ge$ 1000 M$\Omega$ at 500V DC.
* **Contact Resistance:** $\le$ 20 m$\Omega$ (initial).
#### B. Physical Construction
* **Insulator:** Thermoplastic (typically UL94V-0 rated PBT).
* **Contacts:** Copper alloy. The "FP" designation often implies the presence of a "Friction Plate" or specific board locks that provide mechanical stability during soldering.
* **Shielding:** The metal shell provides EMI/RFI protection when grounded to the chassis or PCB ground plane.
---
### 4. Common Applications
Due to the **Right Angle Low Profile** nature, this part is commonly found in:
* **Industrial Automation:** PLC communication ports.
* **Networking:** Legacy router/switch console ports.
* **Embedded Systems:** Space-constrained motherboards where height is limited.
* **Testing Equipment:** Interface ports for diagnostic tools.
- ⤷
What is the exact PCB footprint or pitch for the A-DFF25LPIII-FP-R?
- ⤷ How does the 'Low Profile' height compare to a standard D-Sub connector?
- ⤷ Are there alternative mounting options like SMD for this specific 25-pin series?